Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SM2316E Datasheet(PDF) 10 Page - Linkage Goston Electronics Co., LTD

Part No. SM2316E
Description  Single channel LED constant current drive control chip
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINKAGE [Linkage Goston Electronics Co., LTD]
Homepage  http://www.linkage.cn/
Logo 

SM2316E Datasheet(HTML) 10 Page - Linkage Goston Electronics Co., LTD

 
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SM2316E 单通道 LED 恒流驱动控制芯片 QZIWIGV1.0
- 10 -
方案五
SM2316E 可控硅调光灯丝灯应用方案(4.5W)
1. LED 灯串电压建议控制在 110V 到 120V 之间,系统工作最优化。
2. 通过改变 R2 电阻值,调整输出工作电流值,改变 R1 电阻值,调整泄放电流值。
3. R3 为功率电阻,用于降低 SM2316E 的功耗,R3 功耗控制在 1W 内。
4. R4 为系统放电电阻,建议 300K 到 510K 之间。
5. C2 为 VDD 电容,建议取值 1~10uF。
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage66.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn