Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM2213EA Datasheet(PDF) 6 Page - Linkage Goston Electronics Co., LTD

Part # SM2213EA
Description  3 - section light / toner linear constant flow chip drive chip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

SM2213EA Datasheet(HTML) 6 Page - Linkage Goston Electronics Co., LTD

Back Button SM2213EA Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD SM2213EA Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD SM2213EA Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD SM2213EA Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD SM2213EA Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD SM2213EA Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD SM2213EA Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD SM2213EA Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD SM2213EA Datasheet HTML 10Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SM2213EA 3 段调光/调色线性恒流 LED 驱动芯片 QZIWISV1.7
- 6 -
单颗芯片应用方案三
PF 值调色方案
200Vac
~240Vac
Vin
R1
C1
C2
F1
N
R2
L
开关
18VF 高压灯珠
3
REXT2
4
REXT1
2 VCC
1 VDD
8
VIN
7
NC
6
OUT1
5
OUT2
1uF
4.7uF
LED24
LED12
LED12
LED1
R3
100K
GND
5 SM2213EA 3 段调色温典型应用电路图
典型应用:
R1=R2=10Ω,当 0.3s<开关周期<3s:
开关第一次开启时,
OUT2 端口开启,输出平均电流 IOUT2=30mA;
开关第二次开启时,
OUT1 和 OUT2 端口开启,输出平均电流 IOUT1=IOUT2=15mA,输出总电流为 30mA;
开关第三次开启时,
OUT1 端口开启,输出平均电流 IOUT1=30mA;
当开关周期
>3s(VCC 电容设置),回复初始状态,输出平均电流 IOUT2=30mA。
调色顺序为
2700K-4000K-6500K(OUT2 端口灯串为 2700K 色温,OUT1 端口灯串为 6500K 色温)
单颗芯片应用方案四
无频闪调色方案
3
REXT2
4
REXT1
2 VCC
1 VDD
R1
8
VIN
7
NC
6
OUT1
5
OUT2
C1
1uF
C2
4.7uF
N
GND
R4
1M
R2
L
开关
LED15
LED28
R3
100K
M7
18VF 高压灯珠
Vin
200Vac
~240Vac
E1
6.8uF/400V
LED1
LED14
6 SM2213EA 3 段调色温典型应用电路图
典型应用:
R1=R2=10Ω,当 0.3s<开关周期<3s:
开关第一次开启时,
OUT2 端口开启,输出电流 IOUT2=30mA;
开关第二次开启时,
OUT1 和 OUT2 端口开启,输出电流 IOUT1=IOUT2=15mA,输出总电流为 30mA;
开关第三次开启时,
OUT1 端口开启,输出电流 IOUT1=30mA;
当开关周期
>3s(VCC 电容设置),回复初始状态,输出电流 IOUT2=30mA。
调色顺序为
2700K-4000K-6500K(OUT2 端口灯串为 2700K 色温,OUT1 端口灯串为 6500K 色温)
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage66.com


Similar Part No. - SM2213EA

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM2213EB LINKAGE-SM2213EB Datasheet
1Mb / 8P
   3 - section light / toner linear constant flow chip drive chip
More results

Similar Description - SM2213EA

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM2213EB LINKAGE-SM2213EB Datasheet
1Mb / 8P
   3 - section light / toner linear constant flow chip drive chip
SM2212EB LINKAGE-SM2212EB Datasheet
1Mb / 7P
   2 - section light / toner linear constant current chip drive chip
SM2212EA LINKAGE-SM2212EA Datasheet
2Mb / 7P
   2 - section light / toner / high speed P linear constant current chip drive chip
logo
Jingjing Microelectroni...
EG4313 EGMICRO-EG4313 Datasheet
585Kb / 9P
   Constant voltage / constant flow control chip
logo
Linkage Goston Electron...
SM1533E LINKAGE-SM1533E Datasheet
1Mb / 7P
   Constant current LED drive chip
SM1506 LINKAGE-SM1506 Datasheet
1Mb / 6P
   Constant current LED drive chip
logo
Shenzhen Putianhe Techn...
TM1816 PTH-TM1816 Datasheet
750Kb / 13P
   6 constant flow drive IC
logo
Linkage Goston Electron...
SM2095P LINKAGE-SM2095P Datasheet
1Mb / 9P
   Linear full-voltage rectifier chip drive chip
DK912 LINKAGE-DK912 Datasheet
3Mb / 11P
   RecognIzed Feedback Flow and Constant Power ChIp
logo
Shenzhen Huazhimei Semi...
HM9851 HMSEMI-HM9851 Datasheet
587Kb / 7P
   LED constant current drive control chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com