Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CN5815 Datasheet(PDF) 9 Page - Shanghai Consonance Electronics Incorporated

Part No. CN5815
Description  4.5V to 32V Input, Constant Current Boost HB LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Homepage  http://www.consonance-elec.com/
Logo 

CN5815 Datasheet(HTML) 9 Page - Shanghai Consonance Electronics Incorporated

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CONSONANCE
www.consonance-elec.com
9
REV 1.0
where the first term is due to the bulk capacitance and second term due to the ESR of output capacitor.
For many designs it is possible to choose a single capacitor type that satisfies both the ESR and
bulk C requirements. In certain demanding applications, however, the ripple voltage can be
improved significantly by connecting two or more types of capacitors in parallel. For example,
using a low ESR ceramic capacitor can minimize the ESR step, while an electrolytic capacitor can
be used to supply the required bulk C.
The output capacitor in a boost LED driver experiences high RMS ripple currents. The RMS output capacitor
ripple current is:
Note that the ripple current ratings from capacitor manufacturers are often based on only 2000 hours of life. This
makes it advisable to further derate the capacitor or to choose a capacitor rated at a higher temperature than
required. Several capacitors may also be placed in parallel to meet size or height requirements in the design.
Input Capacitor Selection
The input voltage source impedance and cable length determines the size of the input capacitor,
which is typically in the range of 10μF to 100μF. A low ESR capacitor or two type of capacitors in
parallel is recommended.
The RMS input capacitor ripple current for a boost LED driver is:
Please note that the input capacitor can see a very high surge current when a battery is suddenly
connected to the input of the converter and solid tantalum capacitors can fail catastrophically
under these conditions.
Frequency Compensation Network Design
Figure 2 shows the AC response-related circuit of a boost LED driver using the CN5815.
Figure 2 AC Response-Related Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn