Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CN5815 Datasheet(PDF) 2 Page - Shanghai Consonance Electronics Incorporated

Part No. CN5815
Description  4.5V to 32V Input, Constant Current Boost HB LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN5815 Datasheet(HTML) 2 Page - Shanghai Consonance Electronics Incorporated

  CN5815 Datasheet HTML 1Page - Shanghai Consonance Electronics Incorporated CN5815 Datasheet HTML 2Page - Shanghai Consonance Electronics Incorporated CN5815 Datasheet HTML 3Page - Shanghai Consonance Electronics Incorporated CN5815 Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN5815 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN5815 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN5815 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN5815 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN5815 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CONSONANCE
www.consonance-elec.com
2
REV 1.0
Typical Application Circuit
Figure 1 Typical Application Circuit
Ordering Information
Part No.
Shipment
Operating Ambient Temperature
CN5815
Tape and Reel, 3000/Reel
40℃ to +85℃


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn