Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN5501 Datasheet(PDF) 5 Page - Shanghai Consonance Electronics Incorporated

Part # CN5501
Description  High-Voltage, Linear High-Brightness LED Driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN5501 Datasheet(HTML) 5 Page - Shanghai Consonance Electronics Incorporated

  CN5501 Datasheet HTML 1Page - Shanghai Consonance Electronics Incorporated CN5501 Datasheet HTML 2Page - Shanghai Consonance Electronics Incorporated CN5501 Datasheet HTML 3Page - Shanghai Consonance Electronics Incorporated CN5501 Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN5501 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN5501 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN5501 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN5501 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN5501 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CONSONANCE
www.consonance-elec.com
5
REV 1.0
The wide operating voltage range helps protect the CN5501 against large transients such as those found in
load-dump situations up to 32V.
The CN5501 uses a feedback loop to control the LED current. The voltage across the sense resistor RCS is
compared to a fixed reference voltage, and the error is amplified to serve as the drive to the internal power
MOSFET. The regulated LED current is user defined by the value of RCS between CS pin and GND.
Application Information
Input Voltage Considerations
The operating voltage range of the CN5501 is +4V to +32V . The device may operate below +4V, however,
LED current may not meet the full regulation specification. For proper operation, the minimum input voltage
must always be higher than the worst-case sum of the forward drops of all series-connected LEDs at the output
of the CN5501.
+5V Regulator
The CN5501 includes a fixed +5V output regulator that delivers up to 3mA of load current for low-power
applications throughout the +5.5V to +32V input voltage range. Connect a 2.2μF to 10uF compensation
capacitor from VCC pin to GND.
The
+5V output can be used to power the external circuitry.
Thermal Regulation
The CN5501 features thermal regulation instead of thermal shutdown. If the voltage drop across LED pin and
CS pin is high, or the LED current is large, or both the voltage drop and LED current are large, CN5501 will
become heater, when the silicon temperature reaches 125℃, the on-chip thermal regulation circuit begins to
function, the LED current will be decreased to keep the silicon temperature at 125℃(typical). This typically
occurs in overload or LED short-circuit conditions.
Setting the LED Current
The CN5501 uses a current sense resistor between CS pin and GND to set the LED current. The LED current is
given by the equation below:
ILED=0.153÷(RCS+0.03)
Where, ILED is the LED current in ampere(A)
RCS is the resistance from CS pin to GND in ohm(Ω)
PWM Dimming
The CN5501 provides pulsed or chopped current dimming. Generally, high-brightness LEDs are binned to match
at their full-rated current. However, LEDs from the same bin exhibit poor matching at currents other than
full-rated current. To achieve uniformity, high brightness LED manufacturers recommend PWM pulsing of the
LED current at their full-rated value. This can be achieved by pulsing the enable input (EN) while having a
constant voltage at VIN, as shown in Figure 2. The PWM signal frequency should be less than 300Hz.


Similar Part No. - CN5501

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
More results

Similar Description - CN5501

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
   High Brightness LED Driver IC
AN30888B PANASONIC-AN30888B Datasheet
631Kb / 31P
   High Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835 Datasheet
155Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 1; 5/08
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
logo
Shanghai Consonance Ele...
CN5711 CONSONANCE-CN5711 Datasheet
167Kb / 8P
   1.5A High Brightness LED Driver IC
logo
Leshan Radio Company
LR5910 LRC-LR5910 Datasheet
273Kb / 6P
   Universal High Brightness LED Driver IC
logo
Shanghai Consonance Ele...
CN5710 CONSONANCE-CN5710 Datasheet
153Kb / 8P
   1A High Brightness LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com