Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA41W12SAT Datasheet(PDF) 4 Page - Rohm

Part # BA41W12SAT
Description  Dual output voltage regulator with power saving
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA41W12SAT Datasheet(HTML) 4 Page - Rohm

  BA41W12SAT Datasheet HTML 1Page - Rohm BA41W12SAT Datasheet HTML 2Page - Rohm BA41W12SAT Datasheet HTML 3Page - Rohm BA41W12SAT Datasheet HTML 4Page - Rohm BA41W12SAT Datasheet HTML 5Page - Rohm BA41W12SAT Datasheet HTML 6Page - Rohm BA41W12SAT Datasheet HTML 7Page - Rohm BA41W12SAT Datasheet HTML 8Page - Rohm BA41W12SAT Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BA41W12SAT
Regulator ICs
Measurement circuits
IO1
IO2
22
µ
22
µ
VCC
CTL
GND
OUT2
OUT1
0.33
µ
5V
VCC
+
+
V
V
Fig.1 Circuit for measuring output voltage, input stability, load regulation, and output current capacity
VCC=13V,
IO=500mA
VCC=13V,
IO=350mA
VCC=9
→25V,
IO=500mA
VCC=9
→25V,
IO=350mA
VCC=13V,
IO=5mA
→1A
VCC=13V,
IO=5mA
→500mA
VCC=13V
VCC=13V
when measuring output voltage 1
when measuring output voltage 2
when measuring input stability 1
when measuring input stability 2
when measuring load reguration 1
when measuring load reguration 2
when measuring output current capacity 1
when measuring output current capacity 2
22
µ
22
µ
VCC
CTL
GND
OUT2
OUT1
0.33
µ
100
µ
eIN=1Vrms
f=120Hz
10
Ω5W
5V
350mA
500mA
+
+
+
VCC
Fig.2 Circuit for measuring ripple rejection ratio
VCC=13V, IO1=500mA when measuring the ripple rejection ratio 1
VCC=13V, IO2=350mA when measuring the ripple rejection ratio 2


Similar Part No. - BA41W12SAT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA41W12ST ROHM-BA41W12ST Datasheet
120Kb / 9P
   Dual output voltage regulator with power saving
More results

Similar Description - BA41W12SAT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA41W12ST ROHM-BA41W12ST Datasheet
120Kb / 9P
   Dual output voltage regulator with power saving
BA44W12SAT ROHM-BA44W12SAT Datasheet
109Kb / 9P
   Dual output voltage regulator with power saving
BA51W12ST ROHM-BA51W12ST Datasheet
126Kb / 10P
   Dual output voltage regulator with power saving
BA61W12ST ROHM-BA61W12ST Datasheet
121Kb / 9P
   Dual output voltage regulator with power saving
BA51W12SAT ROHM-BA51W12SAT Datasheet
110Kb / 9P
   Dual output voltage regulator with power saving
logo
Interpion semiconductor
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com