Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN3082 Datasheet(PDF) 6 Page - Shanghai Consonance Electronics Incorporated

Part # CN3082
Description  Multi-Chemistry Battery Charger for Solar-Powered Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN3082 Datasheet(HTML) 6 Page - Shanghai Consonance Electronics Incorporated

Back Button CN3082 Datasheet HTML 2Page - Shanghai Consonance Electronics Incorporated CN3082 Datasheet HTML 3Page - Shanghai Consonance Electronics Incorporated CN3082 Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN3082 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN3082 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN3082 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN3082 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN3082 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated CN3082 Datasheet HTML 10Page - Shanghai Consonance Electronics Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV 1.1
6
TEMP input Current
TEMP to VIN or to GND
0.5
uA
Pin
Sink Current
ICHRG
VCHRG=0.3V,charge status
10
mA
Leakage
Current
VIN=0V,VCHRG=6V
1
uA
Detailed Description
CN3082 is a mutli-chemistry battery charge control chips for single cell lithium batteries, lithium iron phosphate
and single or two to four nickel-metal hydride batteries. The device contains an on-chip power MOSFET and
eliminates the need for the external sense resistor and blocking diode. CN3082 is specifically designed to work
within USB power specifications.Continuous charge current can be programmed up to 600mA with an external
resistor.
The on-chip 8-bit ADC can adjust charging current automatically based on the output capability of input power
supply, so CN3082 is ideally suited for the solar-powered systems, or the applications that need to charge battery
with an input power supply whose output capability is limited.
The internal thermal regulation circuit reduces the programmed charge current if the die temperature attempts to
rise above a preset value of approximately 115℃. This feature protects the CN3082 from excessive temperature,
and allows the user to push the limits of the power handling capability of a given circuit board without risk of
damaging the CN3082 or the external components. Another benefit of adopting thermal regulation is that charge
current can be set according to typical, not worst-case, ambient temperatures for a given application with the
assurance that the charger will automatically reduce the current in worst-case conditions.
The charge cycle begins when the voltage at the VIN pin rises above the UVLO level, The
pin outputs a
logic low to indicate that the charge cycle is in precharge or constant current charge mode. At the beginning of
the charge cycle, if the voltage at FB pin is below 1.54V, the charger is in precharge mode and charging current
is set by constant current of 20% .The charger goes into the fast charge constant current mode once the voltage
on the FB pin rises above 1.54V and below 2.445V. In constant current mode, the charge current is set by RISET.
CN3082 goes into the Continuous charge mode once the voltage on the FB pin rises above 2.445V, the maintain
charging current is determined by the input voltage VIN, RISET and RIMIN(as finger 1),.
pin assumes a
high impedance state. In maintaining charge mode, when the battery voltage feedback input FB pin voltage
drops to 1.65V, CN3082 will begin a new charge cycle, into the pre-charge mode or constant-current charging
mode. Of course, the input voltage can also be off, then power on to start a new charge cycle. On-chip precision
voltage reference and comparator circuit to ensure constant current charge voltage accuracy within 1%, to meet a
variety of rechargeable batteries. When the input voltage is not present, the charger goes into a sleep mode,
dropping battery drain current to less than 3uA. This greatly reduces the current drain on the battery and
increases the standby time. The charging process shown in Figure 3:


Similar Part No. - CN3082

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN3083 CONSONANCE-CN3083 Datasheet
155Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
CN3085 CONSONANCE-CN3085 Datasheet
247Kb / 13P
   Nickel-Metal Hydride Battery Charger IC
More results

Similar Description - CN3082

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN3065 CONSONANCE-CN3065 Datasheet
298Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
logo
Shenzhen Huazhimei Semi...
HM4071 HMSEMI-HM4071 Datasheet
710Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
logo
Shanghai Consonance Ele...
CN3063 CONSONANCE-CN3063 Datasheet
148Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
CN3163 CONSONANCE-CN3163 Datasheet
195Kb / 13P
   Lithium Ion Battery Charger for Solar-Powered Systems
CN3083 CONSONANCE-CN3083 Datasheet
155Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com