Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN3063 Datasheet(PDF) 1 Page - Shanghai Consonance Electronics Incorporated

Part # CN3063
Description  Lithium Ion Battery Charger for Solar-Powered Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN3063 Datasheet(HTML) 1 Page - Shanghai Consonance Electronics Incorporated

  CN3063 Datasheet HTML 1Page - Shanghai Consonance Electronics Incorporated CN3063 Datasheet HTML 2Page - Shanghai Consonance Electronics Incorporated CN3063 Datasheet HTML 3Page - Shanghai Consonance Electronics Incorporated CN3063 Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN3063 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN3063 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN3063 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN3063 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN3063 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CONSONANCE
www.consonance-elec.com
REV 1.1
1
Lithium Ion Battery Charger for Solar-Powered Systems
CN3063
General Description:
The CN3063 is a complete constant-current /constant
voltage linear charger for single cell Li-ion and Li
Polymer rechargeable batteries. The device contains
an on-chip power MOSFET and eliminates the need
for the external sense resistor and blocking diode. An
on-chip 8-bit ADC can adjust charging current
automatically based on the output capability of input
power supply, so CN3063 is ideally suited for solar
powered system. Furthermore, the CN3063 is
specifically designed to work within USB power
specifications. Thermal feedback regulates the
charge current to limit the die temperature during
high power operation or high ambient temperature.
The regulation voltage is internally fixed at 4.2V
with 1% accuracy, it can also be adjusted with an
external resistor. The charge current can be
programmed externally with a single resistor. When
the input supply is removed, the CN3063
automatically enters a low power sleep mode ,
dropping the battery drain current to less than 3uA.
Other features include undervoltage lockout,
automatic recharge, battery temperature sensing and
charging/termination indicator.
The CN3063 is available in a thermally enhanced
8-pin SOP package.
Applications:
Solar Powered System
Digital Still Cameras
MP3 Players
Bluetooth Applications
Portable Devices
Chargers
Features:
On-chip 8-bit ADC can adjust charging current
automatically based on the output capability of
input power supply
Suitable for Solar-Powered System
On-chip Power MOSFET
No external Blocking Diode or Current Sense
Resistors Required
Preset 4.2V Regulation Voltage with 1%
Accuracy, adjustable with an external resistor
Precharge Conditioning for Reviving Deeply
Discharged
Cells
and
Minimizing
Heat
Dissipation During Initial Stage of Charge
Programmable Continuous Charge Current Up
to 800mA
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
Automatic Low-Power Sleep Mode When Input
Supply Voltage is Removed
Status Indication for LEDs or uP Interface
C/10 Charge Termination
Automatic Recharge
Battery Temperature Sensing
Available in SOP8 Package
Pb-free Available
Pin Assignment
TEMP
FB
GND
ISET
VIN
CN3063
1
2
3
4
5
6
7
8
BAT
CHRG
DONE


Similar Part No. - CN3063

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
   USB-Compatible Lithium Battery Charger
CN3065 CONSONANCE-CN3065 Datasheet
298Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
CN3066 CONSONANCE-CN3066 Datasheet
247Kb / 12P
   Lithium Battery Charger IC
CN3066B CONSONANCE-CN3066B Datasheet
378Kb / 12P
   Lithium Battery Charger
More results

Similar Description - CN3063

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN3065 CONSONANCE-CN3065 Datasheet
298Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
logo
Shenzhen Huazhimei Semi...
HM4071 HMSEMI-HM4071 Datasheet
710Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
logo
Shanghai Consonance Ele...
CN3163 CONSONANCE-CN3163 Datasheet
195Kb / 13P
   Lithium Ion Battery Charger for Solar-Powered Systems
CN3083 CONSONANCE-CN3083 Datasheet
155Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
CN3082 CONSONANCE-CN3082 Datasheet
195Kb / 12P
   Multi-Chemistry Battery Charger for Solar-Powered Systems
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com