Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP5139BWR-LF Datasheet(PDF) 6 Page - Feeling Technology Corp.

Part # FP5139BWR-LF
Description  Asynchronous Boost Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP5139BWR-LF Datasheet(HTML) 6 Page - Feeling Technology Corp.

Back Button FP5139BWR-LF Datasheet HTML 2Page - Feeling Technology Corp. FP5139BWR-LF Datasheet HTML 3Page - Feeling Technology Corp. FP5139BWR-LF Datasheet HTML 4Page - Feeling Technology Corp. FP5139BWR-LF Datasheet HTML 5Page - Feeling Technology Corp. FP5139BWR-LF Datasheet HTML 6Page - Feeling Technology Corp. FP5139BWR-LF Datasheet HTML 7Page - Feeling Technology Corp. FP5139BWR-LF Datasheet HTML 8Page - Feeling Technology Corp. FP5139BWR-LF Datasheet HTML 9Page - Feeling Technology Corp. FP5139BWR-LF Datasheet HTML 10Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FP5139
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 1.2
6/15
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Output Section
Output High Voltage
VOH1
RB=390
Ω, IO=-15mA
1.0
1.2
V
VOH2
RB=750
Ω, IO=-10mA,
VCC= 1.8V
0.8
1.0
V
Output Saturation Voltage
VOL1
RB=390
Ω, IO=15mA
0.1
0.2
V
VOL2
RB=750
Ω, IO=10mA,
VCC= 1.8V
0.1
0.2
V
Output Source Current
IOSOURCE RB=390
Ω, Vo=0.9V
-40
-20
mA
Output Sink Current
IOSINK
RB=390
Ω, Vo=0.3V
30
40
-
mA
Internal Pull-Down Resistor
RO
20
30
40
k
Ω
Output Current Setting / Control Section
Pin Voltage
VBR
RB=390
Ω
0.15
0.22
0.3
V
Input Off Condition
IOFF
-20
0
μA
Input On Condition
ION
-45
μA
Pin Current Range
IBR
-1.8
-0.1
mA


Similar Part No. - FP5139BWR-LF

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP5131 APITECH-FP5131 Datasheet
80Kb / 1P
   RF AMPLIFIER MODEL
FP5133 APITECH-FP5133 Datasheet
76Kb / 1P
   RF AMPLIFIER MODEL
FP5136 APITECH-FP5136 Datasheet
40Kb / 1P
   RF AMPLIFIER MODEL
FP5136PM APITECH-FP5136PM Datasheet
42Kb / 1P
   RF AMPLIFIER MODEL
FP5137 APITECH-FP5137 Datasheet
44Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - FP5139BWR-LF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4533 RICHTEK-RT4533 Datasheet
142Kb / 11P
   Asynchronous Boost Converter
logo
Major-Power Technology ...
MA2007 MPOWER-MA2007 Datasheet
291Kb / 6P
   750KHz Asynchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1621 HMSEMI-HM1621 Datasheet
935Kb / 11P
   1MHz Asynchronous Boost Regulator
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
   24V 4A Asynchronous Boost Converter
logo
Major-Power Technology ...
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
   3A 750KHz Asynchronous Boost Converter
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com