Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP5101 Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FP5101
Description  1 Channel Synchronous PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP5101 Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FP5101 Datasheet HTML 1Page - Feeling Technology Corp. FP5101 Datasheet HTML 2Page - Feeling Technology Corp. FP5101 Datasheet HTML 3Page - Feeling Technology Corp. FP5101 Datasheet HTML 4Page - Feeling Technology Corp. FP5101 Datasheet HTML 5Page - Feeling Technology Corp. FP5101 Datasheet HTML 6Page - Feeling Technology Corp. FP5101 Datasheet HTML 7Page - Feeling Technology Corp. FP5101 Datasheet HTML 8Page - Feeling Technology Corp. FP5101 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
FP5101 / FP5101A
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
2/20
Function Block Diagram
Reference
Regulator
Soft-Start
OCP / SCP
-
+
-
-
+
-
Oscillator
Driver Logic
+
+
FB
LGATE
UGATE
SW
BOOT
COMP
GND
0.4V
0.8V
5V
UVLO
Emor Amp
20µA
5V
PWM Compartor
0.4V
21.6K
VCC
30uA
5V
VCC
EN
0.8V


Similar Part No. - FP5101

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP5101 APITECH-FP5101 Datasheet
46Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - FP5101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
logo
International Rectifier
IR3637SPBF IRF-IR3637SPBF Datasheet
655Kb / 21P
   1% ACCURATE SYNCHRONOUS PWM CONTROLLER
IR3637ASPBF IRF-IR3637ASPBF Datasheet
688Kb / 19P
   1% ACCURATE SYNCHRONOUS PWM CONTROLLER
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com