Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP5001 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP5001
Description  PWM Controller With SCP / DTC Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP5001 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP5001 Datasheet HTML 6Page - Feeling Technology Corp. FP5001 Datasheet HTML 7Page - Feeling Technology Corp. FP5001 Datasheet HTML 8Page - Feeling Technology Corp. FP5001 Datasheet HTML 9Page - Feeling Technology Corp. FP5001 Datasheet HTML 10Page - Feeling Technology Corp. FP5001 Datasheet HTML 11Page - Feeling Technology Corp. FP5001 Datasheet HTML 12Page - Feeling Technology Corp. FP5001 Datasheet HTML 13Page - Feeling Technology Corp. FP5001 Datasheet HTML 14Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FP5001
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.9
11/14
Typical Operating Characteristics
OSCILLATOR FREQUENCY
VS
TIMING RESISTANCE
10 K
100 K
1 M
10 K
100 K
1M
Rt - Timing Resistance - ¢F
G
[
TA =25oC
Vcc = 6 V
OSCILLATOR FREQUENCY
VS
AMBIENT TEMPERATURE
-50
- 25
0
25
100
45
50
60
65
75
- Ambient Temperature - ℃
50
75
55
70
TA
REFERENCE OUTPUT VOLTAGE
VS
POWER-SUPPLY VOLTAGE
0
0.4
0.8
1.6
0
1
2
345
6
Vcc - Power Supply Voltage - V
710
0.2
0.6
1.0
TA =25oC
89
1.2
1.4
FB and COMP
Connected Together
REFERENCE OUTPUT VOLTAGE FLUCTUATION
VS
AMBIENT TEMPERATURE
-50
- 25
0
25
100
-1.2
0
1.2
1.6
2.4
- Ambient Temperature - ℃
50
75
0.8
2.0
TA
0.4
-0.4
-0.8
Vcc = 6V
FB and COMP
Connected Together
AVERAGE SUPPLY CURRENT
VS
POWER-SUPPLY VOLTAGE
0
10
203040
0
0.5
1.0
1.5
2.0
Vcc - Power-Supply Voltage - V
T= 25 oC
R
A
t =100kΩ
AVERAGE SUPPLY CURRENT
VS
AMBIENT TEMPERATURE
-50
- 25
0
25
100
0
0.8
1.0
1.1
1.3
- Ambient Temperature - ℃
50
75
0.9
1.2
TA
Vcc = 6V
Rt =100kΩ
Figure 5
Figure 6
Figure 7
Figure 8
Figure 9
Figure 10
Vcc = 6V
Rt =100kΩ


Similar Part No. - FP5001

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP5003 FEELING-FP5003 Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
FP5003DR-LF FEELING-FP5003DR-LF Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
FP5003TR-LF FEELING-FP5003TR-LF Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
FP5003XR-LF FEELING-FP5003XR-LF Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
More results

Similar Description - FP5001

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP5452 FEELING-FP5452 Datasheet
520Kb / 21P
   Dual PWM Controller With SCP / DTC Function
FP5451A FEELING-FP5451A Datasheet
538Kb / 14P
   Dual Channel PWM Controller with SCP / DTC Function
FP1451 FEELING-FP1451 Datasheet
275Kb / 17P
   DUAL CHANNEL PWM CONTROL IC WITH SCP/DTC FUNCTION
Rev0.5 Apr. 01, 2004
FP5453 FEELING-FP5453 Datasheet
609Kb / 22P
   Dual PWM Controller with Short Circuit Restart Function
logo
Semtech Corporation
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
   Multiple Function Double Ended PWM Controller
logo
Leadtrend Technology
LD5760 LEADTREND-LD5760 Datasheet
726Kb / 20P
   High Voltage Green-Mode PWM Controller with Brown-In/Out Function
logo
Advanced Power Electron...
APU3073 A-POWER-APU3073 Datasheet
164Kb / 17P
   SYNCHRONOUS PWM CONTROLLER WITH
logo
SamHop Microelectronics...
SM-T2 SAMHOP-SM-T2 Datasheet
55Kb / 8P
   REMOTE CONTROLLER WITH FIVE FUNCTION
logo
Jingjing Microelectroni...
EG1126 EGMICRO-EG1126 Datasheet
680Kb / 14P
   Integrated Flow Function, Off-LIne Flow Model PWM controller
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com