Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB20P03V Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EMB20P03V
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB20P03V Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EMB20P03V Datasheet HTML 1Page - Excelliance MOS Corp. EMB20P03V Datasheet HTML 2Page - Excelliance MOS Corp. EMB20P03V Datasheet HTML 3Page - Excelliance MOS Corp. EMB20P03V Datasheet HTML 4Page - Excelliance MOS Corp. EMB20P03V Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
2013/9/18 
p.5 
EMB20P03V
Q   ‐ Gate Charge( nC )
Gate Charge Characteristics
0
0
2
4
g
5
10
I   = ‐ 10A
6
8
10
D
20
15
25
‐ 15V
DS
V     = ‐ 5V
‐ 10V
‐ V   , Drain‐Source Voltage( V )
0
0
400
800
DS
5
10
Coss
Crss
1200
1600
2000
Ciss
25
15
20
30
GS
f = 1 MHz
V   = 0 V
Capacitance Characteristics
DC
‐V    ‐ Drain‐Source Voltage( V )
Maximum Safe Operating Area
V   = ‐10V
Single Pulse
R     = 50°C/W
T   = 25°C
0.1
0.01
0.1
DS
1
JA
A
GS
R  
     
  Li
mi
t
1
10
100
DS
(O
N)
10s
10
100
100μs
10ms
100ms
1s
1ms
‐1
t  ,Time (sec)
Transient Thermal Response Curve
10
0.001
‐4
0.01
0.02
10
‐3
10
‐2
10
Single Pulse
0.01
Duty Cycle = 0.5
0.1
0.1
0.05
0.2
1
P
θ
JA
4.R    (t)=r(t) + R
3.T  ‐  T   = P * R     (t)
θ
JA
2.R     = 50°C/W
1.Duty Cycle,D =
DM
1
1
10
J
1000
100
t1
t2
θ
JA
θ
JA
A
t2
t1
Notes:
20
0
10
30
40
50
Single Pulse
R    = 50°C/W
T  = 25°C
A
θJA
0.001
0.01
0.1
100
10
1
1000
Single Pulse Maximum Power Dissipation


Similar Part No. - EMB20P03V

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB20P03VAT EXCELLIANCE-EMB20P03VAT Datasheet
183Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMB20P03V

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB20P03G EXCELLIANCE-EMB20P03G Datasheet
186Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB20P06A EXCELLIANCE-EMB20P06A Datasheet
231Kb / 6P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB40P06A EXCELLIANCE-EMB40P06A Datasheet
197Kb / 6P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB45P03G EXCELLIANCE-EMB45P03G Datasheet
213Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMDA0P10F EXCELLIANCE-EMDA0P10F Datasheet
204Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02JS EXCELLIANCE-EMFA0P02JS Datasheet
200Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02VAT EXCELLIANCE-EMFA0P02VAT Datasheet
183Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB07P03CS EXCELLIANCE-EMB07P03CS Datasheet
214Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02M EXCELLIANCE-EMFA0P02M Datasheet
197Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMZB08P03G EXCELLIANCE-EMZB08P03G Datasheet
192Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB30P03VAT EXCELLIANCE-EMB30P03VAT Datasheet
183Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com