Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB20P03V Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMB20P03V
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB20P03V Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMB20P03V Datasheet HTML 1Page - Excelliance MOS Corp. EMB20P03V Datasheet HTML 2Page - Excelliance MOS Corp. EMB20P03V Datasheet HTML 3Page - Excelliance MOS Corp. EMB20P03V Datasheet HTML 4Page - Excelliance MOS Corp. EMB20P03V Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2013/9/18 
p.4 
EMB20P03V
‐ 5.0V
‐V   ‐ Drain‐Source Voltage( V )
0
0
10
20
DS
1
GS
V   = ‐ 10V
‐ 7.0V
30
40
50
23
‐ 4.5V
On‐Region Characteristics
‐ 6 V
‐ I   ‐ Drain Current( A )
On‐Resistance Variation with Drain Current and Gate Voltage
1.6
0.8
0
1.2
1.0
1.4
10
D
20
2.2
1.8
2.0
2.4
‐ 5 V
V    = ‐ 4.5 V
GS
30
40
‐ 7 V
‐ 10 V
50
I   = ‐10 A
T   ‐ Junction Temperature (°C)
‐50
0.6
0.8
1.0
J
‐25
0
25
50
D
V     = ‐10V
1.2
1.4
1.6
GS
150
100
75
125
On‐Resistance Variation with Temperature
T   = 125°C
‐ V   ‐ Gate‐Source Voltage( V )
2
0.01
0
0.02
4
GS
T   = 25°C
A
A
0.05
0.03
0.04
0.06
8
610
I   = ‐5 A
D
On‐Resistance Variation with Gate‐Source Voltage
‐V   ‐ Gate‐Source Voltage( V )
1.5
0
10
GS
22.5
V   = ‐ 5V
20
30
40
DS
3.5
3
4
T   = 125°C
A
‐ 55°C
25°C
Transfer Characteristics
Body Diode Forward Voltage Variation with
Source Current and Temperature
25°C
‐V   ‐ Body Diode Forward Voltage( V )
0.6
0.1
0.0001
0
0.001
0.01
SD
0.2
0.4
V    = 0V
10
1
100
T   = 125°C
A
GS
0.8
1.0
‐55°C
1.2


Similar Part No. - EMB20P03V

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB20P03VAT EXCELLIANCE-EMB20P03VAT Datasheet
183Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMB20P03V

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB20P03G EXCELLIANCE-EMB20P03G Datasheet
186Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB20P06A EXCELLIANCE-EMB20P06A Datasheet
231Kb / 6P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB40P06A EXCELLIANCE-EMB40P06A Datasheet
197Kb / 6P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB45P03G EXCELLIANCE-EMB45P03G Datasheet
213Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMDA0P10F EXCELLIANCE-EMDA0P10F Datasheet
204Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02JS EXCELLIANCE-EMFA0P02JS Datasheet
200Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02VAT EXCELLIANCE-EMFA0P02VAT Datasheet
183Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB07P03CS EXCELLIANCE-EMB07P03CS Datasheet
214Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02M EXCELLIANCE-EMFA0P02M Datasheet
197Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMZB08P03G EXCELLIANCE-EMZB08P03G Datasheet
192Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB30P03VAT EXCELLIANCE-EMB30P03VAT Datasheet
183Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com