Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB20P03V Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EMB20P03V
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB20P03V Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EMB20P03V Datasheet HTML 1Page - Excelliance MOS Corp. EMB20P03V Datasheet HTML 2Page - Excelliance MOS Corp. EMB20P03V Datasheet HTML 3Page - Excelliance MOS Corp. EMB20P03V Datasheet HTML 4Page - Excelliance MOS Corp. EMB20P03V Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
 
2013/9/18 
p.3 
EMB20P03V
B20
P03
ABCDEFG
 
b
0.10
A
c
D
D1
L1
A1
e
2.6
0.65
0.4
1Pulse test : Pulse Width  300 sec, Duty Cycle  2%. 
2Independent of operating temperature. 
3Pulse width limited by maximum junction temperature. 
Ordering & Marking Information: 
Device Name: EMB20P03V for EDFN 3 x 3 
 
 
 
 
 
Outline Drawing 
 
 
 
 
 
 
 
 
 
 
 
Dimension in mm 
Dimension 
A1 
D1 
E1 
E2 
E3 
L1 Ѳ1  
Min. 
0.70 
0.24 
0.10 
2.95
2.25
3.15
2.95
1.65
  
0.30  
0∘ 
 
 
Typ. 
0.80  
0.30 
0.152
3.00
2.35
3.20
3.00
1.75
0.575
0.65 
0.40 
0.13
10∘ 
Max. 
0.90 
0.05 
0.37 
0.25 
3.15
2.45
3.40
3.15
1.96
  
0.50  
12∘ 
 
Recommended minimum pads
 
 
 
 
B20P03: Device Name 
ABCDEFG: Date Code 


Similar Part No. - EMB20P03V

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB20P03VAT EXCELLIANCE-EMB20P03VAT Datasheet
183Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMB20P03V

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB20P03G EXCELLIANCE-EMB20P03G Datasheet
186Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB20P06A EXCELLIANCE-EMB20P06A Datasheet
231Kb / 6P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB40P06A EXCELLIANCE-EMB40P06A Datasheet
197Kb / 6P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB45P03G EXCELLIANCE-EMB45P03G Datasheet
213Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMDA0P10F EXCELLIANCE-EMDA0P10F Datasheet
204Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02JS EXCELLIANCE-EMFA0P02JS Datasheet
200Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02VAT EXCELLIANCE-EMFA0P02VAT Datasheet
183Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB07P03CS EXCELLIANCE-EMB07P03CS Datasheet
214Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02M EXCELLIANCE-EMFA0P02M Datasheet
197Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMZB08P03G EXCELLIANCE-EMZB08P03G Datasheet
192Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB30P03VAT EXCELLIANCE-EMB30P03VAT Datasheet
183Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com