Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM6690 Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MSM6690
Description  ROM Interface IC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM6690 Datasheet(HTML) 6 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
¡ Semiconductor
MSM6690
5
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Range
Unit
Power Supply Voltage
Operating Temperature
VDD
Top
+3.0 to +6.0
–40 to +85
V
°C
(GND = 0 V)
ELECTRICAL CHARACTERISTICS
DC Characteristics
*
Typical operation is with VDD = 5.0 V, Ta = 25°C
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
Input Voltage
Output Voltage
Input Current
Output Current
Storage Temperature
VDD
VI
VO
II
IO
TSTG
Typical:
Ta = 25°C
GND = 0 V
–0.3 to +7.0
–0.3 to VDD+0.3
–0.3 to VDD+0.3
–10 to +10
–20 to +20
–55 to +150
V
V
V
mA
mA
°C
Parameter
Symbol
Condition
"H" level Input Voltage
"L" level Input Voltage
"H" level Input Current
"L" level Input Current
3-state Output Leak Current
(with open drain output)
VIH
VIL
IIH
IIL
IOZH
IOZL
VIH = VDD
CMOS level input
VIL = GND
VOL = GND
Unit
V
V
mA
mA
mA
Max.
VDD+0.3
1.5
10
10
Typ.*
0.01
–0.01
0.01
–0.01
Min.
3.5
–0.3
–10
–10
"H" level Output Voltage
V OH
IOH = –5.0 mA
V
VDD
4.2
2.4
"L" level Output Voltage
V OL
IOL = 5.0 mA
V
0.5
0.24
GND
Supply Current at Standby
I DS
Output open VIH = VDD
mA
100
0.1
VIL = GND
Supply Current at Operating
I DD
mA
2
CMOS level input
VOH = VDD
(VDD = 5.0 V ± 10%, GND = 0 V, Ta = –40 to +85°C)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn