Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16818 Datasheet(PDF) 4 Page - NEC

Part # UPD16818
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16818 Datasheet(HTML) 4 Page - NEC

  UPD16818 Datasheet HTML 1Page - NEC UPD16818 Datasheet HTML 2Page - NEC UPD16818 Datasheet HTML 3Page - NEC UPD16818 Datasheet HTML 4Page - NEC UPD16818 Datasheet HTML 5Page - NEC UPD16818 Datasheet HTML 6Page - NEC UPD16818 Datasheet HTML 7Page - NEC UPD16818 Datasheet HTML 8Page - NEC UPD16818 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
µPD16818
4
Data Sheet S11365EJ2V1DS
PIN CONFIGURATION (Top View)
20-pin plastic SOP (7.62 mm (300))
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
C1H
C2L
VM1
1A
PGND
2A
VDD
IN1
IN2
INC
C1L
C2H
VG
1B
PGND
2B
VM2
RX
PS
DGND
FUNCTION TABLE
Excitation Direction
INC
IN1
IN2
H1
H2
<1>
H
H
H
F
F
<2>
H
L
H
R
F
<3>
H
L
L
R
R
<4>
H
H
L
F
R
L
××
Stop
F: FORWARD
R: REVERSE
AB
VM
ON
OFF
OFF
ON
FORWARD
AB
VM
OFF
ON
ON
OFF
REVERSE
AB
VM
OFF
OFF
OFF
OFF
STOP
H1F
H1R
H2RH2F
<4><1>
<3><2>


Similar Part No. - UPD16818

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16818 RENESAS-UPD16818 Datasheet
252Kb / 17P
   MOS INTEGRATED CIRCUIT
1997
UPD16818GS RENESAS-UPD16818GS Datasheet
252Kb / 17P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD16818

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16803 NEC-UPD16803 Datasheet
97Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16814 RENESAS-PD16814_15 Datasheet
199Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16818 RENESAS-PD16818_15 Datasheet
253Kb / 17P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16808 NEC-UPD16808 Datasheet
96Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16813 NEC-UPD16813 Datasheet
68Kb / 8P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16814 NEC-UPD16814 Datasheet
94Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com