Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY3650 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part No. CY3650
Description  The Cypress USB Developer Kit is a powerful tool that enables customers to develop USB hardware and firmware with emulated Cypress USB ICs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY3650 Datasheet(HTML) 3 Page - Cypress Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CY3650
PRELIMINARY
Document #: 38-08003 Rev. **
Page 3 of 5
Signal Access
The development board contains connectors to internal micro-
controller signals and to the emulated I/O pins. A target cable
can be made by the user for the appropriate IC being emulat-
ed.
Debug/Monitor Software
The developer’s kit software provides a PC interface for debug
control of the microcontroller and all memory and registers.
The debug/monitor function is implemented in hardware, so
modification of the user firmware is not required.
The software allows read/modify access to the following: all
microcontroller internal registers (such as accumulator and
program counters), data RAM, program RAM (or non-modifi-
able EPROM), and all I/O registers. The system allows for mul-
tiple breakpoints and single stepping. At any breakpoint, all
requested data fields are automatically updated, and the list
file tracking moves to the current program line. Figure 1 shows
the debug software window in a typical application.
The software runs under Windows 95 or Windows 3.1. The
only setting that the user needs to provide is the proper COM
port for communication on the serial port and which develop-
ment board is being used.
Assembler
An assembler, which also runs on the PC, is included. The
assembler provides error checking and produces download-
able object code as well as a list file. The assembler supports
USB-specific data types, speeding the development process.
Ordering information
RS-232 To/From PC
Serial Port
USB
Serial Interface
Protocol
Engine
CS
CS
USB
D+
D
J6
J13
Power
In
+5V
Reset
Switch
Options
Program RAM
8K x 8
Program ROM
8K x 8
Data RAM
256 x 8
UART
USB
Transceiver
MicroController
S2
Voltage
Regulators
+3.3V
Port0
Port1
CY3650/51 Development Board Functional Block Diagram
Port2
Port3
Port
Transceivers
Ports 2&3
for 3651
only
Part Number
Description
CY3650
USB Developer’s Kit
CY3651
USB Developer’s Kit


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA76818AThe LA76818A is I2C bus controller ICs that support the different TV broadcast formats used worldwide and aim for rationalization of color TV set desi 1 2 3 Sanyo Semicon Device
COP888FH8-Bit CMOS ROM Based Microcontrollers with 12k Memory Comparators USART and Hardware Multiply/Divide 1 2 3 4 5 MoreNational Semiconductor (TI)
CY22K7133-MHz Spread Spectrum Clock Generator For Use With the AMD-K7 Processor and AMD-750 Chipset 1 2 3 4 5 MoreCypress Semiconductor
AT91SAM9261-EKThe AT91SAM9261-EK evaluation kit is an effective platform for evaluating chip performance and developing code for applications based on the AT91SAM92 1 2 3 4 5 MoreATMEL Corporation
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
CBTS338410-bit bus switch with 5-bit output enables and Schottky undershoot protection 1 2 3 4 5 MoreNXP Semiconductors
CP3SP33CP3SP33 Connectivity Processor with Cache DSP and Bluetooth USB and Dual CAN Interfaces 1 2 3 4 5 MoreNational Semiconductor (TI)
LC86F1216A8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip  1 2 3 4 5 MoreSanyo Semicon Device
74LVT322373Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162827Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn