Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W83L603G Datasheet(PDF) 20 Page - Nuvoton Technology Corporation

Part No. W83L603G
Description  SMBus GPIO Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W83L603G Datasheet(HTML) 20 Page - Nuvoton Technology Corporation

Back Button W83L603G Datasheet HTML 15Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 16Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 17Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 18Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 19Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 20Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 21Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 22Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 23Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
W83L603G/W83L604G
Publication Release Date: July, 2008
- 17 -
Revision 1.1
7.40
8.20
5.30
E
D
c
6.90
5.00
5.60
7.50
7.20
2.00
1.85
8
0.323
0.307
0.073
0.079
0.220
0.272
0.295
0.283
0.209
MIN.
DIMENSION IN INCH
SYMBOL
DIMENSION IN MM
MIN.
NOM
MAX.
MAX.
NOM
20L SSOP-209mil for W83L604G
20
D
0
0.002
0.197
0.291
7.80
0
8
b
A2
A1
A
0.05
e
L
L1
0.021
0.030
0.050
0.55
0.75
1.25
Y
θ
0.009
0.015
0.004
0.010
0.004
0.38
0.09
0.25
0.65
0.0256
0.10
H E
0.22
0.95
0.037
1.75
0.065
0.069
1.65
11
1
E
DTEAIL A
E
H
10
e
Y
b
A1
A2
A
SEATING PLANE
L
L1
b
θ
DETAIL A
SEATING PLANE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn