Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W83L603G Datasheet(PDF) 16 Page - Nuvoton Technology Corporation

Part No. W83L603G
Description  SMBus GPIO Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W83L603G Datasheet(HTML) 16 Page - Nuvoton Technology Corporation

Back Button W83L603G Datasheet HTML 12Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 13Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 14Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 15Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 16Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 17Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 18Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 19Page - Nuvoton Technology Corporation W83L603G Datasheet HTML 20Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
W83L603G/W83L604G
Publication Release Date: July, 2008
- 13 -
Revision 1.1
DC Characteristics , continued.
I/O12t - TTL level bi-direction pin with 12mA source-sink capability
Input Low Voltage
VIL
0.8
V
VDD = 3.3 V
Input High Voltage
VIH
2.0
V
VDD = 3.3 V
Output Low Voltage
VOL
0.4
V
IOL = 12 mA
Output High Voltage
VOH
2.4
V
IOH = 12 mA
Input High Leakage
ILIH
+15
μA
VIN = 3.3 V
Input Low Leakage
ILIL
-15
μA
VIN = 0 V
I/O(D)16t - TTL level bi-direction pin with 16mA source-sink capability
Input Low Voltage
VIL
0.8
V
VDD = 3.3 V
Input High Voltage
VIH
2.0
V
VDD = 3.3 V
Output Low Voltage
VOL
0.4
V
IOL = 16 mA
Output High Voltage
VOH
2.4
V
IOH = 16 mA
Input High Leakage
ILIH
+10
μA
VIN = 3.3 V
Input Low Leakage
ILIL
-10
μA
VIN = 0 V
I/O(D)12t - TTL level bi-direction pin with 12mA source-sink capability
Input Low Voltage
VIL
0.8
V
VDD = 3.3 V
Input High Voltage
VIH
2.0
V
VDD = 3.3 V
Output Low Voltage
VOL
0.4
V
IOL = 12 mA
Output High Voltage
VOH
2.4
V
IOH = 12 mA
Input High Leakage
ILIH
+10
μA
VIN = 3.3 V
Input Low Leakage
ILIL
-10
μA
VIN = 0 V
OD12 - open-drain output pin with 12mA sink capability
Output Low Voltage
VOL
0.4
V
IOL = 12 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn