Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA207_1903 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA207_1903
Description  Low-power, high-precision, low-noise, rail-to-rail output operational amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA207_1903 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA207_1903 Datasheet HTML 10Page - Texas Instruments OPA207_1903 Datasheet HTML 11Page - Texas Instruments OPA207_1903 Datasheet HTML 12Page - Texas Instruments OPA207_1903 Datasheet HTML 13Page - Texas Instruments OPA207_1903 Datasheet HTML 14Page - Texas Instruments OPA207_1903 Datasheet HTML 15Page - Texas Instruments OPA207_1903 Datasheet HTML 16Page - Texas Instruments OPA207_1903 Datasheet HTML 17Page - Texas Instruments OPA207_1903 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
+
±
+IN
-IN
V+
V-
OUT
Copyright © 2017, Texas Instruments Incorporated
500
500
+
±
+IN
-IN
OUT
Copyright © 2017, Texas Instruments Incorporated
14
OPA207
SBOS826C – DECEMBER 2017 – REVISED MARCH 2019
www.ti.com
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 36. Simplified OPA207 Input Protection Circuit
7.3.3 ESD Protection
The OPA207 is internally protected against ESD events that can occur during manufacturing, handling, or
printed-circuit-board assembly. The internal ESD protection diodes are not intended to protect the OPA207
during normal operation when the device is operating under power. In cases where the inputs or output can be
driven above the positive power supply or below the negative power supply care must be taken to limit the
current through the internal diodes to 10 mA or less. In harsh electrical environments external protection circuitry
may be required and is dependant upon the application requirements and environmental conditions.
Figure 37. Simplified OPA207 ESD Protection Circuit
7.3.4 Input Stage Linearization
The OPA207 uses linearization techniques to reduce the total harmonic distortion. Figure 38 illustrates the
linearization concept, and Figure 38 illustrates the total harmonic distortion performance of the OPA207.


Similar Part No. - OPA207_1903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA207 TI-OPA207_19 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
More results

Similar Description - OPA207_1903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207 TI-OPA207_19 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207 TI1-OPA207_V01 Datasheet
1Mb / 39P
[Old version datasheet]   OPA207 Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
logo
New Japan Radio
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
   Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
logo
Texas Instruments
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
   Output rail-to-rail very low noise operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com