Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37256VP100-143NXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY37256VP100-143NXC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37256VP100-143NXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY37256VP100-143NXC Datasheet HTML 1Page - Cypress Semiconductor CY37256VP100-143NXC Datasheet HTML 2Page - Cypress Semiconductor CY37256VP100-143NXC Datasheet HTML 3Page - Cypress Semiconductor CY37256VP100-143NXC Datasheet HTML 4Page - Cypress Semiconductor CY37256VP100-143NXC Datasheet HTML 5Page - Cypress Semiconductor CY37256VP100-143NXC Datasheet HTML 6Page - Cypress Semiconductor CY37256VP100-143NXC Datasheet HTML 7Page - Cypress Semiconductor CY37256VP100-143NXC Datasheet HTML 8Page - Cypress Semiconductor CY37256VP100-143NXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
5V, 3.3V, ISR™ High-Performance CPLDs
Ultra37000 CPLD Family
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-03007 Rev. *D
Revised October 25, 2004
Features
• In-System Reprogrammable™ (ISR™) CMOS CPLDs
— JTAG interface for reconfigurability
— Design changes do not cause pinout changes
— Design changes do not cause timing changes
• High density
— 32 to 512 macrocells
— 32 to 264 I/O pins
— Five dedicated inputs including four clock pins
• Simple timing model
— No fanout delays
— No expander delays
— No dedicated vs. I/O pin delays
— No additional delay through PIM
— No penalty for using full 16 product terms
— No delay for steering or sharing product terms
• 3.3V and 5V versions
• PCI-compatible[1]
• Programmable bus-hold capabilities on all I/Os
• Intelligent product term allocator provides:
— 0 to 16 product terms to any macrocell
— Product term steering on an individual basis
— Product term sharing among local macrocells
• Flexible clocking
— Four synchronous clocks per device
— Product term clocking
— Clock polarity control per logic block
• Consistent package/pinout offering across all densities
— Simplifies design migration
— Same pinout for 3.3V and 5.0V devices
• Packages
— 44 to 400 leads in PLCC, CLCC, PQFP, TQFP, CQFP,
BGA, and Fine-Pitch BGA packages
— Lead(Pb)-free packages available
General Description
The Ultra37000™ family of CMOS CPLDs provides a range of
high-density programmable logic solutions with unparalleled
system performance. The Ultra37000 family is designed to
bring the flexibility, ease of use, and performance of the 22V10
to high-density CPLDs. The architecture is based on a number
of logic blocks that are connected by a Programmable Inter-
connect Matrix (PIM). Each logic block features its own
product term array, product term allocator, and 16 macrocells.
The PIM distributes signals from the logic block outputs and all
input pins to the logic block inputs.
All of the Ultra37000 devices are electrically erasable and
In-System Reprogrammable (ISR), which simplifies both
design and manufacturing flows, thereby reducing costs. The
ISR feature provides the ability to reconfigure the devices
without having design changes cause pinout or timing
changes. The Cypress ISR function is implemented through a
JTAG-compliant serial interface. Data is shifted in and out
through the TDI and TDO pins, respectively. Because of the
superior routability and simple timing model of the Ultra37000
devices, ISR allows users to change existing logic designs
while
simultaneously
fixing
pinout
assignments
and
maintaining system performance.
The entire family features JTAG for ISR and boundary scan,
and is compatible with the PCI Local Bus specification,
meeting
the
electrical
and
timing
requirements.
The
Ultra37000 family features user programmable bus-hold
capabilities on all I/Os.
Ultra37000 5.0V Devices
The Ultra37000 devices operate with a 5V supply and can
support 5V or 3.3V I/O levels. VCCO connections provide the
capability of interfacing to either a 5V or 3.3V bus. By
connecting the VCCO pins to 5V the user insures 5V TTL levels
on the outputs. If VCCO is connected to 3.3V the output levels
meet 3.3V JEDEC standard CMOS levels and are 5V tolerant.
These devices require 5V ISR programming.
Ultra37000V 3.3V Devices
Devices operating with a 3.3V supply require 3.3V on all VCCO
pins, reducing the device’s power consumption. These
devices support 3.3V JEDEC standard CMOS output levels,
and
are
5V-tolerant.
These
devices
allow
3.3V
ISR
programming.
Note:
1. Due to the 5V-tolerant nature of 3.3V device I/Os, the I/Os are not clamped to VCC, PCI VIH = 2V.


Similar Part No. - CY37256VP100-143NXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37256VP100167AXC CYPRESS-CY37256VP100167AXC Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256VP100200AXC CYPRESS-CY37256VP100200AXC Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
More results

Similar Description - CY37256VP100-143NXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com