Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT01 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMT01
Description  radiation hardened 2-pin precision digital output temperature sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT01 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMT01 Datasheet HTML 14Page - Texas Instruments LMT01 Datasheet HTML 15Page - Texas Instruments LMT01 Datasheet HTML 16Page - Texas Instruments LMT01 Datasheet HTML 17Page - Texas Instruments LMT01 Datasheet HTML 18Page - Texas Instruments LMT01 Datasheet HTML 19Page - Texas Instruments LMT01 Datasheet HTML 20Page - Texas Instruments LMT01 Datasheet HTML 21Page - Texas Instruments LMT01 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MCU/
FPGA/
ASIC
34 and
125 µA
3.3V
7.5k
GPIO
100k
MMBT3906
VDD
LMT01-SP
VP
VN
MCU/FPGA/
ASIC
34 and
125 µA
VDD
3V to 5.5V
GPIO n
GPIO/
COMP
Min
2.0V
Up to 2.0m
GPIO1
GPIO2
6.81k
(for 3V)
LMT01-SP
U1
VP
VN
LMT01-SP
U2
VP
VN
LMT01-SP
Un
VP
VN
MCU/
FPGA/
ASIC
34 and
125 µA
3.3V
7.5k
GPIO
100k
MMBT3904
VDD
LMT01-SP
VP
VN
18
LMT01-SP
SNIS205 – JANUARY 2019
www.ti.com
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
System Examples (continued)
Figure 29. Transistor Level Shifting
Note: to turn off an LMT01-SP set the GPIO pin connected to VP to high impedance state as setting it low would
cause the off LMT01-SP to be reverse biased. Comparator input of MCU must be used.
Figure 30. Connecting Multiple Devices to One MCU Input Pin
Note: the VN of the LMT01-SP must be connected to the MCU GND.
Figure 31. Common Ground With High-Side Signal


Similar Part No. - LMT01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01 TI-LMT01 Datasheet
974Kb / 27P
[Old version datasheet]   0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01 Datasheet
1,017Kb / 28P
[Old version datasheet]    Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01 Datasheet
1Mb / 39P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01 Datasheet
755Kb / 23P
[Old version datasheet]   radiation hardened 2-pin precision digital output temperature sensor
More results

Similar Description - LMT01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01-SP TI1-LMT01-SP Datasheet
755Kb / 23P
[Old version datasheet]   radiation hardened 2-pin precision digital output temperature sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Texas Instruments
LMT01-Q1 TI1-LMT01-Q1 Datasheet
1,017Kb / 28P
[Old version datasheet]    Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01-Q1 TI1-LMT01-Q1_17 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01_17 Datasheet
1Mb / 39P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
   Digital Output Temperature Sensor
June, 2014 ??Rev. 12
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
   Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com