Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA185 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA185
Description  Ultra-small, bidirectional, precision low-side and high-side, voltage output current-sense amplifier in SOT-563
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA185 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA185 Datasheet HTML 7Page - Texas Instruments INA185 Datasheet HTML 8Page - Texas Instruments INA185 Datasheet HTML 9Page - Texas Instruments INA185 Datasheet HTML 10Page - Texas Instruments INA185 Datasheet HTML 11Page - Texas Instruments INA185 Datasheet HTML 12Page - Texas Instruments INA185 Datasheet HTML 13Page - Texas Instruments INA185 Datasheet HTML 14Page - Texas Instruments INA185 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Frequency (Hz)
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
10
100
1k
10k
100k
1M
10M
D033
A1
A2
A3
A4
Time (10 Ps/div)
0 V
D030
Supply Voltage
Output Voltage
Time (100 Ps/div)
0 V
D032
Supply Voltage
Output Voltage
11
INA185
www.ti.com
SBOS378 – MARCH 2019
Product Folder Links: INA185
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VREF = VS / 2, and VIN+ = 12 V (unless otherwise noted)
Figure 31. Start-Up Response
Figure 32. Brownout Recovery
Figure 33. Output Impedance vs Frequency


Similar Part No. - INA185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA185 TI1-INA185 Datasheet
1Mb / 35P
[Old version datasheet]   INA185 26-V, 350-kHz, Bidirectional, High-Precision Current Sense Amplifier in Ultra- Small (SOT-563) Package
NOVEMBER 2023
INA185-Q1 TI1-INA185-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   INA185-Q1 AEC-Q100, 26V, 350kHz, Bidirectional, High-Precision Current Sense Amplifier
FEBRUARY 2024
INA185A1IDCKR TI1-INA185A1IDCKR Datasheet
1Mb / 35P
[Old version datasheet]   INA185 26-V, 350-kHz, Bidirectional, High-Precision Current Sense Amplifier in Ultra- Small (SOT-563) Package
NOVEMBER 2023
INA185A1IDRLR TI1-INA185A1IDRLR Datasheet
1Mb / 35P
[Old version datasheet]   INA185 26-V, 350-kHz, Bidirectional, High-Precision Current Sense Amplifier in Ultra- Small (SOT-563) Package
NOVEMBER 2023
INA185A1IDRLT TI1-INA185A1IDRLT Datasheet
1Mb / 35P
[Old version datasheet]   INA185 26-V, 350-kHz, Bidirectional, High-Precision Current Sense Amplifier in Ultra- Small (SOT-563) Package
NOVEMBER 2023
More results

Similar Description - INA185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180 Datasheet
1Mb / 30P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181-Q1 TI1-INA181-Q1_18 Datasheet
1Mb / 44P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_V01 Datasheet
2Mb / 56P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
Linear Technology
LTC6101 LINER-LTC6101 Datasheet
330Kb / 20P
   High Voltage, High-Side Current Sense Amplifier in SOT-23
logo
Texas Instruments
INA181-Q1_1904 TI1-INA181-Q1_1904 Datasheet
1Mb / 49P
[Old version datasheet]   Automotive, bidirectional, low- and high-side voltage output, current-sense amplifiers
INA181-Q1 TI1-INA181-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com