Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUU50N03-10P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUU50N03-10P
Description  N-Channel 30-V 175C MOSFET PWM Optimized
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUU50N03-10P Datasheet(HTML) 3 Page - Vishay Siliconix

  SUU50N03-10P Datasheet HTML 1Page - Vishay Siliconix SUU50N03-10P Datasheet HTML 2Page - Vishay Siliconix SUU50N03-10P Datasheet HTML 3Page - Vishay Siliconix SUU50N03-10P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUU50N03-10P
Vishay Siliconix
Document Number: 71296
S-01706—Rev. A, 14-Aug-00
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0
10203040
50
0
20
40
60
80
100
0
10203040
50
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0
20406080
100
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
40
80
120
160
200
0
2468
10
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS -- Drain-to-Source Voltage (V)
VGS -- Gate-to-Source Voltage (V)
Qg -- Total Gate Charge (nC)
ID -- Drain Current (A)
VDS -- Drain-to-Source Voltage (V)
25_C
--55_C
3V
TC = 125_C
VDS =15 V
ID =50 A
VGS = 10thru6V
5V
VGS =10 V
Crss
TC =--55_C
25_C
125_C
4V
VGS =4.5 V
ID -- Drain Current (A)
0
1000
2000
3000
4000
5000
0
6
12
18
24
30
Ciss
Coss


Similar Part No. - SUU50N03-10P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUU50N03-10P VBSEMI-SUU50N03-10P Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SUU50N03-10P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP70N03-09BP VISHAY-SUP70N03-09BP Datasheet
48Kb / 5P
   N-Channel 30-V (D-S), 175C, MOSFET PWM Optimized
Rev. B, 11-Mar-02
SUY50N03-10CP VISHAY-SUY50N03-10CP Datasheet
53Kb / 5P
   N-Channel 30-V (D-S), 175C, MOSFET PWM Optimized
Rev. A, 21-Jan-02
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM85N03-06P VISHAY-SUM85N03-06P Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
SUP75N03-04 VISHAY-SUP75N03-04 Datasheet
41Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. E, 18-Jun-01
SUP75N03-07 VISHAY-SUP75N03-07 Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. D, 27-Mar-00
SUD50N03-10AP VISHAY-SUD50N03-10AP Datasheet
80Kb / 4P
   N-Channel 30-V (D-S), 175C, MOSFET PWM Optimized
Rev. A, 10-Jan-00
SUP45N03-13L VISHAY-SUP45N03-13L Datasheet
42Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. F, 29-Oct-01
SUM40N03-30L VISHAY-SUM40N03-30L Datasheet
62Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 24-Jan-05
SUD70N03-04P VISHAY-SUD70N03-04P Datasheet
59Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 03-May-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com