Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I2001-6IMN1722B Datasheet(PDF) 14 Page - ILLUMINANT CO., LTD

Part # I2001-6IMN1722B
Description  PRODUCT SPECIFICATION FOR LCM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLUMINANT [ILLUMINANT CO., LTD]
Direct Link  http://www.illumin.com.tw
Logo ILLUMINANT - ILLUMINANT CO., LTD

I2001-6IMN1722B Datasheet(HTML) 14 Page - ILLUMINANT CO., LTD

Back Button I2001-6IMN1722B Datasheet HTML 6Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 7Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 8Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 9Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 10Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 11Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 12Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 13Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 14Page - ILLUMINANT CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
I
IIL
L
LL
L
LU
U
UM
M
MI
IIN
N
NA
A
AN
N
NT
T
T
I2001-6IMN1722B
14/14
9. Reliability
9.1 MTTF
The LCD module shall be designed to meet a minimum MTTF value of 50,000 hours with
normal condition. (25°C in the room without sunlight; not include lifetime of backlight and
Touch Panel).
9.2 Tests
No.
Item
Condition
Criterion
1
High Temperature Operating
+70°C
240hrs
No defect of
operational function in
room temperature are
allowable(23±5°C).
Leakage current
should be below double
of initial value.
2
Low Temperature Operating
-20°C
240hrs
3
High Temperature Non-Operating
+80°C
240hrs
4
Low Temperature Non-Operating
-30°C
240hrs
5
High Temperature /
Humidity Non-Operating
60°C ; 90%RH ; 240hrs
6
Temperature Shock Operating
-20°C
70°C
(30min) (5min) (30min)
50 Cycles
7
Electro-Static Discharge
HBM : ±2kv
Note 1: Test after 24 hours in room temperature(23±5°C).
Note 2: The sampling above is individually for each reliability testing condition.
Note 3: The color fading of polarizing filter should not care.
Note 4: All of the reliability testing chamber above, is using D.I. water.(Min value:1.0 M -cm)
Note 5: In case of malfunction defect caused by ESD damage, if it would be recovered to normal state after resetting,
it would be judged as a good part.


Similar Part No. - I2001-6IMN1722B

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
I2001RU MPD-I2001RU Datasheet
287Kb / 2P
   I2000RU SERIES
I2001RW MPD-I2001RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
More results

Similar Description - I2001-6IMN1722B

ManufacturerPart #DatasheetDescription
logo
ILLUMINANT CO., LTD
I2420-6OMN4823A ILLUMINANT-I2420-6OMN4823A Datasheet
751Kb / 28P
   PRODUCT SPECIFICATION FOR LCM
I4001-6XXT4827A ILLUMINANT-I4001-6XXT4827A Datasheet
873Kb / 12P
   PRODUCT SPECIFICATION FOR LCM
I1809-6IMN1216A ILLUMINANT-I1809-6IMN1216A Datasheet
376Kb / 13P
   PRODUCT SPECIFICATION FOR TFT LCM
I2417-7IMT2432A ILLUMINANT-I2417-7IMT2432A Datasheet
398Kb / 12P
   PRODUCT SPECIFICATION FOR TFT LCM
I3002-7IXN2440A ILLUMINANT-I3002-7IXN2440A Datasheet
470Kb / 20P
   PRODUCT SPECIFICATIO FOR LCM
I4303-6HMT4827A ILLUMINANT-I4303-6HMT4827A Datasheet
390Kb / 18P
   PRODUCT SPECIFICATIO FOR TFT LCM
I5002-6HPT4827A ILLUMINANT-I5002-6HPT4827A Datasheet
600Kb / 23P
   PRODUCT SPECIFICATIO FOR TFT LCM
I2810-7IMT2432A ILLUMINANT-I2810-7IMT2432A Datasheet
450Kb / 21P
   PRODUCT SPECIFICATIO FOR TFT LCM
I3504-6HMT3224B ILLUMINANT-I3504-6HMT3224B Datasheet
509Kb / 18P
   PRODUCT SPECIFICATIO FOR TFT LCM
logo
Varitronix internationa...
COG-T350MHQ-03 VARITRONIX-COG-T350MHQ-03 Datasheet
171Kb / 1P
   LCM Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com