Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM195WD1 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LM195WD1
Description  19.5 HD TFT LCD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM195WD1 Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LM195WD1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Product Specification
LM195WD1
Liquid Crystal Display
Ver. 0.2
Feb. 04, 2013
11 / 31
Description
Symbol
Min
Max
Unit
Notes
LVDS Differential Voltage
|VID|
200
600
mV
-
LVDS Common mode Voltage
VCM
0.6
1.5
V
-
LVDS Input Voltage Range
VIN
0.3
1.8
V
-
3-3-2. DC Specification
3-3. LVDS characteristics
LVDS +
LVDS -
0V
VCM
# |VID| = |(LVDS+) – (LVDS-)|
# VCM = {(LVDS+) + (LVDS-)}/2
|VID|
VIN_MAX VIN_MIN
3-3-1. LVDS Data format
< LVDS Data Format >
OG0
OR5
OR4
OR3
OR2
OR1
OR0
OB1
OB0
OG5
OG4
OG3
OG2
OG1
DE
VSYNC
HSYNC
OB5
OB4
OB3
OB2
X
OB7
OB6
OG7
OG6
OR7
OR6
Current(Nth) Cycle
Previous(N-1)th Cycle
Next(N+1)th Cycle
RCLK +
RXinO0+/-
Tclk*4/7
Tclk*3/7
Tclk
Tclk*1/7
MSB
R7
R6
R5
R4
R3
R2
R1
R0
LSB
EG0
ER5
ER4
ER3
ER2
ER1
ER0
EB1
EB0
EG5
EG4
EG3
EG2
EG1
DE
VSYNC
HSYNC
EB5
EB4
EB3
EB2
X
EB7
EB6
EG7
EG6
ER7
ER6
* ODD = 1st Pixel
EVEN = 2nd Pixel
RXinO1+/-
RXinO2+/-
RXinO3+/-
RXinE0+/-
RXinE1+/-
RXinE2+/-
RXinE3+/-
OR3
OR2
OR1
OR0
OG4
OG3
OG2
OG1
OB5
OB4
OB3
OB2
OG7
OG6
OR7
OR6
ER3
ER2
ER1
ER0
EG4
EG3
EG2
EG1
EB5
EB4
EB3
EB2
EG7
EG6
ER7
ER6
OG0
OR5
OR4
OB1
OB0
OG5
DE
VSYNC
HSYNC
X
OB7
OB6
EG0
ER5
ER4
EB1
EB0
EG5
DE
VSYNC
HSYNC
X
EB7
EB6


Similar Part No. - LM195WD1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM195 NSC-LM195 Datasheet
421Kb / 13P
   Ultra Reliable Power Transistors
LM195 NSC-LM195 Datasheet
230Kb / 11P
   Ultra Reliable Power Transistors
logo
Texas Instruments
LM195 TI1-LM195 Datasheet
1Mb / 20P
[Old version datasheet]   Ultra Reliable Power Transistors
logo
National Semiconductor ...
LM1950 NSC-LM1950 Datasheet
168Kb / 6P
   750 mA High Side Switch
logo
Shenzhen TOPWAY Technol...
LM19501 TOPWAY-LM19501 Datasheet
688Kb / 11P
   LCD Module User Manual
More results

Similar Description - LM195WD1

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LP156WH3-TLA2 LG-LP156WH3-TLA2 Datasheet
945Kb / 26P
   15.6 HD TFT LCD
LM185WH2 LG-LM185WH2 Datasheet
570Kb / 31P
   18.5inch HD TFT LCD
LP140WH4 LG-LP140WH4 Datasheet
1Mb / 32P
   14.0 HD TFT LCD
LP173WD1 LG-LP173WD1 Datasheet
1Mb / 30P
   17.3??HD TFT LCD
LM200WD3 LG-LM200WD3 Datasheet
754Kb / 32P
   20.0 HD TFT LCD
LP140WH2 LG-LP140WH2 Datasheet
676Kb / 23P
   14.0??HD TFT LCD
LP140WF1 LG-LP140WF1 Datasheet
1Mb / 31P
   14.0??Full HD TFT LCD
LP156WF4-SLB5 LG-LP156WF4-SLB5 Datasheet
607Kb / 30P
   15.6??Full HD TFT LCD
LP140WH1 LG-LP140WH1 Datasheet
855Kb / 34P
   14.0?쓂 HD TFT LCD
LP140WD2 LG-LP140WD2 Datasheet
917Kb / 28P
   14.0?쓂 HD TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com