Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP6330 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AP6330
Description  WiFiBluetooth 4.0(HS)FM Rx Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP6330 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AP6330 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
AP6330 Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
3
1. Introduction
AMPAK Technology would like to announce a low-cost and low-power consumption module
which has all of the WiFi, Bluetooth and FM functionalities. The highly integrated module
makes the possibilities of web browsing, VoIP, Bluetooth headsets, FM radio functional
applications and other applications. With seamless roaming capabilities and advanced
security, also could interact with different vendors’ 802.11a/b/g/n Access Points in the
wireless LAN.
The wireless module complies with IEEE 802.11 a/b/g/n standard and it can achieve up to a
speed of 72.2Mbps with single stream in 802.11n draft, 54Mbps as specified in IEEE
802.11g, or 11Mbps for IEEE 802.11b to connect to the wireless LAN. The integrated
module provides SDIO interface for WiFi, UART / PCM interface for Bluetooth FM.
This compact module is a total solution for a combination of WiFi + BT + FM technologies.
The module is specifically developed for Smart phones and Portable devices.


Similar Part No. - AP6330

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63300 DIODES-AP63300 Datasheet
1Mb / 22P
   3.8V TO 32V INPUT, 3A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
August 2019
AP63300Q DIODES-AP63300Q Datasheet
506Kb / 2P
   32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
AP63300Q DIODES-AP63300Q Datasheet
1Mb / 22P
   AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 May 2021
AP63300QWU-7 DIODES-AP63300QWU-7 Datasheet
506Kb / 2P
   32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
AP63300QWU-7 DIODES-AP63300QWU-7 Datasheet
1Mb / 22P
   AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 May 2021
More results

Similar Description - AP6330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP6212 ETC2-AP6212 Datasheet
1Mb / 26P
   WiFiBluetooth 4.0FM RX SIP Module Spec Sheet
AP6255 ETC2-AP6255 Datasheet
1Mb / 34P
   WiFi 11ac Bluetooth V4.2 Module
HM-10 ETC1-HM-10 Datasheet
332Kb / 14P
   Bluetooth 4.0 BLE module
logo
Murata Manufacturing Co...
LBEE5ZZ1MD-011 MURATA-LBEE5ZZ1MD-011 Datasheet
1Mb / 35P
   WiFi / Bluetooth Module Data Sheet
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
   2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
logo
Compex Systems Pte. Lte...
WSD377 COMPEX-WSD377 Datasheet
670Kb / 3P
   2.4GHz/5GHz WiFi Bluetooth Combination Module
logo
List of Unclassifed Man...
BC118 ETC1-BC118 Datasheet
767Kb / 14P
   Bluetooth 4.0
logo
Maxtena Inc.
MEA-2400-SMA MAXTENA-MEA-2400-SMA Datasheet
737Kb / 3P
   WIFI/BLUETOOTH/ISM ANTENNA
REV A
logo
Microchip Technology
RN4677 MICROCHIP-RN4677 Datasheet
464Kb / 31P
   Bluetooth 4.0 Dual Mode Module Users Guide
01/27/15
logo
Axiomtek Co., Ltd.
IFO2225-851-FL AXIOMTEK-IFO2225-851-FL Datasheet
359Kb / 2P
   Optional bluetooth/internal WiFi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com