Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY8008A Datasheet(PDF) 3 Page - Silergy Corp.

Part # SY8008A
Description  High Efficiency 1.5MHz, 0.6A/1A/1.2A Synchronous Step Down Regulator Preliminary Spec
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.

SY8008A Datasheet(HTML) 3 Page - Silergy Corp.

  SY8008A Datasheet HTML 1Page - Silergy Corp. SY8008A Datasheet HTML 2Page - Silergy Corp. SY8008A Datasheet HTML 3Page - Silergy Corp. SY8008A Datasheet HTML 4Page - Silergy Corp. SY8008A Datasheet HTML 5Page - Silergy Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SY8008A/SY8008B/SY8008C
SY8008Rev. # 0.91
Silergy Corp. Confidential- Prepared for Internal Use Only
3
Electrical Characteristics
(VIN = 3.6V, VOUT = 2.5V, L = 2.2uH, COUT = 10uF, TA = 25°C, IMAX = 1A unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN
2.5
5.5
V
Shutdown Current
ISHDN
EN=0
0.1
1
µA
Feedback Reference
Voltage
VREF
0.588
0.6
0.612
V
FB Input Current
IFB
VFB=VIN
-50
50
nA
SY8008A
0.3
SY8008B
0.25
PFET RON
RDS(ON),P
SY8008C
0.2
SY8008A
0.25
SY8008B
0.2
NFET RON
RDS(ON),N
SY8008C
0.15
SY8008A
0.8
A
SY8008B
1.2
A
PFET Current Limit
ILIM
SY8008C
1.5
A
EN rising threshold
VENH
1.5
V
EN falling threshold
VENL
0.4
V
Input UVLO threshold
VUVLO
2.5
V
UVLO hysteresis
VHYS
0.1
V
Oscillator Frequency
FOSC
IOUT=100mA
1.5
MHz
Min ON Time
50
ns
Max Duty Cycle
100
%
Thermal Shutdown
Temperature
TSD
160
°C
Note 1: Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may remain possibility to affect device reliability.
Note 2: θ JA is measured in the natural convection at TA = 25°C on a low effective single layer thermal
conductivity test board of JEDEC 51-3 thermal measurement standard. Pin 2 of SOT-23-5/TSOT-23-5 packages is
the case position for θ JC measurement.
Note 3. The device is not guaranteed to function outside its operating conditions.


Similar Part No. - SY8008A

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SY800 LUMINIS-SY800 Datasheet
393Kb / 2P
   Cast aluminum ventilated top cover.
logo
Silergy Corp.
SY8003 SILERGY-SY8003 Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8003A SILERGY-SY8003A Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8003ADFC SILERGY-SY8003ADFC Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8003DFC SILERGY-SY8003DFC Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
More results

Similar Description - SY8008A

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY8088 SILERGY-SY8088 Datasheet
782Kb / 7P
   High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator Preliminary Specification
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
   1.5MHz 1.2A Synchronous Step-Down Regulator
logo
Unisonic Technologies
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
   HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
logo
Fitipower Integrated Te...
FP6382 FITIPOWER-FP6382 Datasheet
981Kb / 13P
   Dual High Efficiency 1MHz/1.5MHz 1A Synchronous Step Down Regulator
logo
Feeling Technology Corp...
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
   1.5MHz, 1A Synchronous Step-Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
   1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
Feeling Technology Corp...
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
   Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com