Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP171WU1 Datasheet(PDF) 13 Page - LG Semicon Co.,Ltd.

Part # LP171WU1
Description  17.1 WUXGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP171WU1 Datasheet(HTML) 13 Page - LG Semicon Co.,Ltd.

Back Button LP171WU1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 17Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Product Specification
13 / 27
LP171WU1
Liquid Crystal Display
Ver. 1.0
Mar, 19, 2007
Note)
1. Contrast Ratio(CR) is defined mathematically as
Surface Luminance with all white pixels
Contrast Ratio =
Surface Luminance with all black pixels
2. Surface luminance is the 5point (1~5)average across the LCD surface 50cm from the surface
with all pixels displaying white. For more information see FIG 2.
When I
BL= 6.5mA, LWH=260cd/m
2(Typ.)
3. Luminance % uniformity is measured for 13 point For more information see FIG 2.
δ WHITE = Maximum(LN1,LN2, ….. LN13) ÷ Minimum(LN1,LN2, ….. LN13)
4. Response time is the time required for the display to transition from white to black (rise time, Tr
R) and
from black to white(Decay Time, Tr
D). For additional information see FIG 3.
5. Viewing angle is the angle at which the contrast ratio is greater than 10. The angles are determined
for the horizontal or x axis and the vertical or y axis with respect to the z axis which is normal to the
LCD surface. For more information see FIG 4.
6. Gray scale specification
* f
V=60Hz
100
L63
81.1
L55
8.90
L23
18.3
L31
33.4
L39
54.3
L47
3.05
L15
0.43
L7
0.13
L0
Luminance [%] (Typ)
Gray Level


Similar Part No. - LP171WU1

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LP171NMO PULSE-LP171NMO Datasheet
399Kb / 3P
   VHF 136-220 MHz
More results

Similar Description - LP171WU1

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC470EUF LG-LC470EUF Datasheet
860Kb / 40P
   47.0 WUXGA TFT LCD
LM240WU8 LG-LM240WU8 Datasheet
1Mb / 32P
   24.0??WUXGA TFT LCD
LC420DUJ LG-LC420DUJ Datasheet
1Mb / 39P
   42.0 WUXGA TFT LCD
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
   TFT-LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
   TFT LCD
logo
Samsung semiconductor
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
   TFT-LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
   TFT LCD
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
   TFT LCD
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
   TFT-LCD
LTM200KT01 SAMSUNG-LTM200KT01 Datasheet
1Mb / 34P
   TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com