Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC888S-VD Datasheet(PDF) 29 Page - Realtek Semiconductor Corp.

Part # ALC888S-VD
Description  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC888S-VD Datasheet(HTML) 29 Page - Realtek Semiconductor Corp.

Back Button ALC888S-VD Datasheet HTML 25Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 26Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 27Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 28Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 29Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 30Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 31Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 32Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 33Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
21
Track ID: JATR-2265-11
Rev. 1.2
Exit from ‘Link Reset’:
If BCLK is re-started for any reason (codec wake-up event, power management, etc.)
Software is responsible for de-asserting RST# after a minimum of 100µs BCLK running time (the
100µsec provides time for the codec PLL to stabilize)
Minimum of 4 BCLK after RST# is de-asserted, the controller starts to signal normal frame SYNC
When the codec drives its SDI to request an initialization sequence (when the SDI is driven high at the
last bit of frame SYNC, it means the codec requests an initialization sequence)
SDOs
SYNC
SDIs
BCLK
Normal Frame
SYNC is absent
RST#
4 BCLK
4 BCLK
Driven Low
Driven Low
Previous Frame
Normal Frame
SYNC
Link in Reset
1
2
4
5
3
6
7
Pulled Low
Pulled Low
Driven Low
Pulled Low
Pulled Low
8
9
>=100 usec >= 4 BCLK
Initialization Sequence
Wake Event
Figure 13. Link Reset Timing
7.3.2.
Codec Reset
A ‘Codec Reset’ is initiated via the codec RESET command verb. It results in the target codec being reset
to the default state. After the target codec completes its reset operation, an initialization sequence is
requested.


Similar Part No. - ALC888S-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
More results

Similar Description - ALC888S-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892 REALTEK-ALC892_11 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC1150 REALTEK-ALC1150 Datasheet
1Mb / 88P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC889 REALTEK-ALC889 Datasheet
1Mb / 86P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892_11 REALTEK-ALC892_11_05 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC887-VD REALTEK-ALC887-VD Datasheet
1Mb / 91P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com