Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K9F1G08U0E Datasheet(PDF) 28 Page - Samsung semiconductor

Part No. K9F1G08U0E
Description  1Gb E-die NAND Flash
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

K9F1G08U0E Datasheet(HTML) 28 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
- 28 -
datasheet
K9F1G08U0E
FLASH MEMORY
Rev. 1.11
SAMSUNG CONFIDENTIAL
4.11 Copy-Back Program Operation with Random Data Input
00h
Row Address
tWC
Busy
tWB
tR
Copy-Back Data
Input Command
35h
Column Address
Row Add1 Row Add2
Col. Add1
Data 1
Data N
tRC
CE
CLE
R/B
WE
ALE
RE
I/Ox
Row Address
Row Add1 Row Add2
Col. Add1 Col. Add2
Col. Add2
1
Column Address
I/Ox
Read Status Command
I/O0=0 Successful Program
I/O0=1 Error in Program
tPROG
tWB
Busy
10h
Row Address
Data 1
Data N
Col. Add2 Row Add1 Row Add2
70h
tWHR
CE
CLE
R/B
WE
ALE
RE
I/Ox
1
Column Address
Col. Add1
Col. Add2
Column Address
Col. Add1
tADL
85h
NOTE :
1) tADL is the time from the WE rising edge of final address cycle to the WE rising edge of first data cycle.
2)Copy-Back Program operation is allowed only within the same memory plane.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn