Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K9F1G08U0E Datasheet(PDF) 23 Page - Samsung semiconductor

Part No. K9F1G08U0E
Description  1Gb E-die NAND Flash
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

K9F1G08U0E Datasheet(HTML) 23 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
- 23 -
datasheet
K9F1G08U0E
FLASH MEMORY
Rev. 1.11
SAMSUNG CONFIDENTIAL
4.5 Read Operation
CE
CLE
R/B
WE
ALE
RE
Busy
00h
Col. Add1
Col. Add2
Row Add1
Dout N
Dout N+1
Column Address
Row Address
tWB
tAR
tR
tRC
tRHZ
tRR
Dout M
tWC
Row Add2
30h
tCLR
I/Ox
tCSD
4.6 Read Operation(Intercepted by CE)
CE
CLE
R/B
WE
ALE
RE
Busy
00h
Dout N
Dout N+1
Dout N+2
Row Address
Column Address
tWB
tAR
tCHZ
tR
tRR
tRC
30h
I/Ox
Col. Add1
Col. Add2
Row Add1
Row Add2
tCOH
tCSD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn