Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K9F1G08U0E Datasheet(PDF) 14 Page - Samsung semiconductor

Part No. K9F1G08U0E
Description  1Gb E-die NAND Flash
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

K9F1G08U0E Datasheet(HTML) 14 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
- 14 -
datasheet
K9F1G08U0E
FLASH MEMORY
Rev. 1.11
SAMSUNG CONFIDENTIAL
2.10 AC Characteristics for Operation
NOTE :
1) If reset command(FFh) is written at Ready state, the device goes into Busy for maximum 5
s.
Parameter
Symbol
Min
Max
Unit
Data Transfer from Cell to Register
tR
-40
s
ALE to RE Delay
tAR
10
-
ns
CLE to RE Delay
tCLR
10
-
ns
Ready to RE Low
tRR
20
-
ns
RE Pulse Width
tRP
12
-
ns
WE High to Busy
tWB
-
100
ns
Read Cycle Time
tRC
25
-
ns
RE Access Time
tREA
-20
ns
CE Access Time
tCEA
-25
ns
RE High to Output Hi-Z
tRHZ
-
100
ns
CE High to Output Hi-Z
tCHZ
-30
ns
CE High to ALE or CLE Don’t Care
tCSD
0-
ns
RE High to Output Hold
tRHOH
15
-
ns
CE High to Output Hold
tCOH
15
-
ns
RE High Hold Time
tREH
10
-
ns
Output Hi-Z to RE Low
tIR
0-
ns
RE High to WE Low
tRHW
100
-
ns
WE High to RE Low
tWHR
60
-
ns
Device Resetting Time(Read/Program/Erase)
tRST
-
5/10/500(1)
s


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn