Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K9F1G08U0E Datasheet(PDF) 9 Page - Samsung semiconductor

Part No. K9F1G08U0E
Description  1Gb E-die NAND Flash
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G08U0E Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9F1G08U0E Datasheet HTML 5Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 6Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 7Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 8Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 9Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 10Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 11Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 12Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
- 9 -
datasheet
K9F1G08U0E
FLASH MEMORY
Rev. 1.11
SAMSUNG CONFIDENTIAL
[Figure 1] K9F1G08U0E Functional Block Diagram
[Figure 2] K9F1G08U0E Array Organization
NOTE :
Column Address : Starting Address of the Register.
* L must be set to "Low".
* The device ignores any additional input of address cycles than required.
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
2nd Cycle
A8
A9
A10
A11
*L
*L
*L
*L
3rd Cycle
A12
A13
A14
A15
A16
A17
A18
A19
4th Cycle
A20
A21
A22
A23
A24
A25
A26
A27
VCC
X-Buffers
Command
I/O Buffers & Latches
Latches
& Decoders
Y-Buffers
Latches
& Decoders
Register
Control Logic
& High Voltage
Generator
Global Buffers
Output
Driver
VSS
A12 - A27
A0 - A11
Command
CE
RE
WE
CLE
WP
I/0 0
I/0 7
VCC
VSS
ALE
1,024M + 32M Bit
NAND Flash
ARRAY
(2,048 + 64)Byte x 65,536
Y-Gating
Data Register & S/A
2K Bytes
64 Bytes
64K Pages
(=1,024 Blocks)
2K Bytes
8 bit
64 Bytes
1 Block = 64 Pages
(128K + 4k) Byte
I/O 0 ~ I/O 7
1 Page = (2K + 64)Bytes
1 Block = (2K + 64)B x 64 Pages
= (128K + 4K) Bytes
1 Device = (2K+64)B x 64Pages x 1,024 Blocks
= 1,056 Mbits
Page Register
Row Address
Row Address
Column Address
Column Address


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn