Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K9F1G08U0E Datasheet(PDF) 38 Page - Samsung semiconductor

Part No. K9F1G08U0E
Description  1Gb E-die NAND Flash
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

K9F1G08U0E Datasheet(HTML) 38 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
- 38 -
datasheet
K9F1G08U0E
FLASH MEMORY
Rev. 1.11
SAMSUNG CONFIDENTIAL
6.0 DEVICE OPERATION
The device is designed to offer protection from any involuntary program/erase during power-transitions. An internal voltage detector disables all functions
whenever Vcc is below about 2V(3.3V device). WP pin provides hardware protection and is recommended to be kept at VIL during power-up and power-
down. A recovery time of minimum 1ms is required before internal circuit gets ready for any command sequences as shown in Figure 16. The two step
command sequence for program/erase provides additional software protection.
[Figure 16] AC Waveforms for Power Transition
VCC
WP
High
WE
Ready/Busy
5 ms max
Operation
1ms
~ 2.3V
~ 2.3V
Invalid
Don’t care
Don’t care


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn