Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K9F1G08U0E Datasheet(PDF) 35 Page - Samsung semiconductor

Part No. K9F1G08U0E
Description  1Gb E-die NAND Flash
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G08U0E Datasheet(HTML) 35 Page - Samsung semiconductor

Back Button K9F1G08U0E Datasheet HTML 30Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 31Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 32Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 33Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 34Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 35Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 36Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 37Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 38Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
- 35 -
datasheet
K9F1G08U0E
FLASH MEMORY
Rev. 1.11
SAMSUNG CONFIDENTIAL
5.4 Block Erase
The Erase operation is done on a block basis. Block address loading is accomplished in two cycles initiated by an Erase Setup command(60h). Only
address A18 to A27 is valid while A12 to A17 is ignored. The Erase Confirm command(D0h) following the block address loading initiates the internal erasing
process. This two-step sequence of setup followed by execution command ensures that memory contents are not accidentally erased due to external
noise conditions.
At the rising edge of WE after the erase confirm command input, the internal write controller handles erase and erase-verify. When the erase operation is
completed, the Write Status Bit(I/O 0) may be checked. Figure 12 details the sequence.
[Figure 12] Block Erase Operation
5.5 Read Status
The device contains a Status Register which may be read to find out whether program or erase operation is completed, and whether the program or erase
operation is completed successfully. After writing 70h command to the command register, a read cycle outputs the content of the Status Register to the I/
O pins on the falling edge of CE or RE, whichever occurs last. This two line control allows the system to poll the progress of each device in multiple mem-
ory connections even when R/B pins are common-wired. RE or CE does not need to be toggled for updated status. Refer to Table 2 for specific Status
Register definitions. The command register remains in Status Read mode until further commands are issued to it. Therefore, if the status register is read
during a random read cycle, the read command(00h) should be given before starting read cycles.
[Table 2] Status Register Definition for 70h Command
NOTE :
I/Os defined ’Not use’ are recommended to be masked out when Read Status is being executed.
I/O
Page Program
Block Erase
Read
Definition
I/O 0
Pass/Fail
Pass/Fail
Not use
Pass : "0"
Fail : "1"
I/O 1
Not use
Not use
Not use
Don’t -cared
I/O 2
Not use
Not use
Not use
Don’t -cared
I/O 3
Not Use
Not Use
Not Use
Don’t -cared
I/O 4
Not Use
Not Use
Not Use
Don’t -cared
I/O 5
Not Use
Not Use
Not Use
Don’t -cared
I/O 6
Ready/Busy
Ready/Busy
Ready/Busy
Busy : "0"
Ready : "1"
I/O 7
Write Protect
Write Protect
Write Protect
Protected : "0"
Not Protected : "1"
60h
Row Add 1,2
R/B
Address Input(2Cycle)
I/O0
Pass
D0h
70h
Fail
tBERS
I/Ox
"0"
"1"


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn