Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM95 Datasheet(PDF) 95 Page - HOPE Microelectronics CO., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM95 Datasheet(HTML) 95 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM95 Datasheet HTML 91Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 92Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 93Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 94Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 95Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 96Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 97Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 98Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 99Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 121 page
background image
Page 95
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegPayloadLength
(0x32)
7-0
PayloadLength(7:0)
rw
0x40
If PacketFormat = 0 (fixed), payload length.
If PacketFormat = 1 (variable), max length in Rx, not used in Tx.
RegNodeAdrs
(0x33)
7-0
NodeAddress
rw
0x00
Node address used in address filtering.
RegBroadcastAdrs
(0x34)
7-0
BroadcastAddress
rw
0x00
Broadcast address used in address filtering.
7
TxStartCondition
rw
0x01
*
Defines the condition to start packet transmission:
0
FifoLevel
(i.e. the number of bytes in the FIFO exceeds
FifoThreshold)
1
FifoEmpty goes low
(i.e. at least one byte in the FIFO)
6
unused
r
-
unused
RegFifoThresh
(0x35)
5-0
FifoThreshold
rw
0x0f
Used to trigger FifoLevel interrupt, when:
number of bytes in FIFO >= FifoThreshold + 1
Sequencer registers
7
SequencerStart
wt
0x00
Controls the top level Sequencer
When set to ‘1’, executes the “Start” transition.
The sequencer can only be enabled when the chip is in Sleep or
Standby mode.
6
SequencerStop
wt
0x00
Forces the Sequencer Off.
Always reads ‘0’
5
IdleMode
rw
0x00
Selects chip mode during the state:
0: Standby mode
1: Sleep mode
4-3
FromStart
rw
0x00
Controls the Sequencer transition when SequencerStart is set to 1
in Sleep or Standby mode:
00: to LowPowerSelection
01: to Receive state
10: to Transmit state
11: to Transmit state on a FifoLevel interrupt
2
LowPowerSelection
rw
0x00
Selects the Sequencer LowPower state after a to
LowPowerSelection
transition:
0: SequencerOff state with chip on Initial mode
1: Idle state with chip on Standby or Sleep mode depending on
IdleMode
Note:
Initial mode is the chip LowPower mode at
Sequencer Start.
1
FromIdle
rw
0x00
Controls the Sequencer transition from the Idle state on a T1
interrupt:
0: to Transmit state
1: to Receive state
RegSeqConfig1
(0x36)
0
FromTransmit
rw
0x00
Controls the Sequencer transition from the Transmit state:
0: to LowPowerSelection on a PacketSent interrupt
1: to Receive state on a PacketSent interrupt


Similar Part No. - RFM95

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM95CW HOPE-RFM95CW Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95CW-915S2 HOPE-RFM95CW-915S2 Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95PW HOPE-RFM95PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-868S2 HOPE-RFM95PW-868S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-915S2 HOPE-RFM95PW-915S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results

Similar Description - RFM95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com