Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM022HDH26 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # TM022HDH26
Description  Preliminary Specification
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TM022HDH26 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button TM022HDH26 Datasheet HTML 15Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 16Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 17Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 18Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 19Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 20Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 21Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 22Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
SHANGHAI TIANMA MICRO-ELECTRONICS
TM022HDH26 V1.0
The information contained herein is the exclusive property of SHANGHAI TIANMA MICRO-ELECTRONICS
Corporation, and shall not be distributed, reproduced, or disclosed in whole or in part without prior written
permission of SHANGHAI TIANMA MICRO-ELECTRONICS Corporation.
Page 19 of 23
7 Environmental / Reliability Test
No
Test Item
Condition
Remarks
1
High
Temperature
Operation
Ts=+70℃, 240hrs
Note1
IEC60068-2-1:2007,GB2423.2-2008
2
Low Temperature
Operation
Ta=-20℃, 240hrs
IEC60068-2-1:2007
GB2423.1-2008
3
High
Temperature
Storage
Ta=+80℃, 240hrs
IEC60068-2-1:2007
GB2423.2-2008
4
Low Temperature
Storage
Ta=-30℃, 240hrs
IEC60068-2-1:2007
GB2423.1-2008
5
High
Temperature &
High Humidity
Storage
Ta=+60℃, 90% RH
240 hours
Note2
IEC60068-2-78 :2001
GB/T2423.3—2006
6
Thermal Shock
(Non-operation)
-30℃ 30 min~+70℃ 30 min,
Change time:5min, 20 Cycles
Start with cold temperature,
End with high temperature,
IEC60068-2-14:1984,GB2423.22-2002
7
Electro Static
Discharge
(Operation)
C=150pF, R=330Ω,5points/panel
Air:±8KV, 5times;
Contact:±4KV, 5 times;
Environment: 15℃~35℃,
30%~60%, 86Kpa~106Kpa)
IEC61000-4-2:2001
GB/T17626.2-2006
8
Vibration
(Non-operation)
Frequency range:10~55Hz,
Stroke:1.5mm
Sweep:10Hz~55Hz~10Hz
2
hours
for each direction of X.Y.Z.
(6 hours for total) (Package
condition)
IEC60068-2-6:1982
GB/T2423.10—1995
9
Shock
(Non-operation)
100G 6ms, ±X,±Y,±Z 3times,
for each direction
IEC60068-2-27:1987
GB/T2423.5—1995
10
Package
Drop Test
Height:80 cm,
1 corner, 3 edges, 6 surfaces
IEC60068-2-32:1990
GB/T2423.8—1995
Note1: Ts is the temperature of panel’s surface.
Note2: Ta is the ambient temperature of sample.


Similar Part No. - TM022HDH26

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
TM022HDHT11 GSR-TM022HDHT11 Datasheet
321Kb / 2P
   TFT Modules
More results

Similar Description - TM022HDH26

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
   Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
   Preliminary specification
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
   Preliminary Specification
logo
List of Unclassifed Man...
LC104S1 ETC1-LC104S1 Datasheet
708Kb / 28P
   PRELIMINARY SPECIFICATION
logo
Shenzhen TOPWAY Technol...
LMT040DNPFWD TOPWAY-LMT040DNPFWD Datasheet
1Mb / 23P
   Preliminary Specification
logo
Vectron International, ...
TFS400K VECTRON-TFS400K Datasheet
156Kb / 5P
   Preliminary Specification
TFS525 VECTRON-TFS525 Datasheet
73Kb / 5P
   Preliminary specification
TFS238A VECTRON-TFS238A Datasheet
113Kb / 5P
   Preliminary Specification
TFS868B VECTRON-TFS868B Datasheet
72Kb / 5P
   Preliminary specification
TFS1960 VECTRON-TFS1960 Datasheet
74Kb / 5P
   Preliminary Specification
TFS100C VECTRON-TFS100C Datasheet
39Kb / 5P
   Preliminary Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com