Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM220MT05 Datasheet(PDF) 22 Page - Samsung semiconductor

Part # LTM220MT05
Description  color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LTM220MT05 Datasheet(HTML) 22 Page - Samsung semiconductor

Back Button LTM220MT05 Datasheet HTML 18Page - Samsung semiconductor LTM220MT05 Datasheet HTML 19Page - Samsung semiconductor LTM220MT05 Datasheet HTML 20Page - Samsung semiconductor LTM220MT05 Datasheet HTML 21Page - Samsung semiconductor LTM220MT05 Datasheet HTML 22Page - Samsung semiconductor LTM220MT05 Datasheet HTML 23Page - Samsung semiconductor LTM220MT05 Datasheet HTML 24Page - Samsung semiconductor LTM220MT05 Datasheet HTML 25Page - Samsung semiconductor LTM220MT05 Datasheet HTML 26Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
22/34
Page
LTM220MT05
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
5.2.4 Even Pixel Data (2nd pixel data)
RXE3-
RXE3+
No. 22
No. 23
A7M
A7P
Red Even Pixel Data
RE6
R26
76
Blue Even Pixel Data
BE5
B25
59
Blue Even Pixel Data
BE4
B24
60
Blue Even Pixel Data
BE3
B23
61
RXE2-
RXE2+
No. 18
No. 19
A6M
A6P
Blue Even Pixel Data
BE2
B22
62
RXE1-
RXE1+
No. 15
No. 16
A5M
A5P
Blue Even Pixel Data
BE1
B21
63
Blue Even Pixel Data (MSB)
BE7
B27
57
RXE3-
RXE3+
No. 22
No. 23
A7M
A7P
Blue Even Pixel Data
BE6
B26
58
Blue Even Pixel Data (LSB)
BE0
B20
64
Green Even Pixel Data
GE5
G25
69
Green Even Pixel Data
GE4
G24
70
RXE1-
RXE1+
No. 15
No. 16
A5M
A5P
Green Even Pixel Data
GE3
G23
71
Green Even Pixel Data (MSB)
GE7
G27
65
RXE3-
RXE3+
No. 22
No. 23
A7M
A7P
Green Even Pixel Data
GE6
G26
66
Green Even Pixel Data
GE2
G22
72
RXE1-
RXE1+
No. 15
No. 16
A5M
A5P
Green Even Pixel Data
GE1
G21
73
Green Even Pixel Data (LSB)
GE0
G20
74
RXE0-
RXE0+
No. 12
No. 13
A4M
A4P
Red Even Pixel Data
RE5
R25
77
RXE3-
RXE3+
No. 22
No. 23
A7M
A7P
Red Even Pixel Data (MSB)
RE7
R27
75
Red Even Pixel Data
RE4
R24
78
Red Even Pixel Data
RE3
R23
79
Red Even Pixel Data
RE2
R22
80
Red Even Pixel Data
RE1
R21
81
RXE0-
RXE0+
No. 12
No. 13
A4M
A4P
Red Even Pixel Data (LSB)
RE0
R20
84
Symbol
Terminal
Function
Symbol
Symbol
No
To LTM220MT
Interface ( CN101 )
Output
Signal
Device Input Signal
Device Input Pin
LVDS Transmitter ( DS90C387 ) Signal Interface


Similar Part No. - LTM220MT05

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTM220M1-L01 SAMSUNG-LTM220M1-L01 Datasheet
509Kb / 33P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT(Thin Film Transistor) as switching components.
LTM220M3-L02 SAMSUNG-LTM220M3-L02 Datasheet
886Kb / 40P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components.
More results

Similar Description - LTM220MT05

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTM220M3-L02 SAMSUNG-LTM220M3-L02 Datasheet
886Kb / 40P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components.
LTM230HP01 SAMSUNG-LTM230HP01 Datasheet
1,018Kb / 35P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components.
LTM200KT03 SAMSUNG-LTM200KT03 Datasheet
726Kb / 34P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT(Thin Film Transistor) as switching components.
LTM220M1-L01 SAMSUNG-LTM220M1-L01 Datasheet
509Kb / 33P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT(Thin Film Transistor) as switching components.
LTN154X3-L06 SAMSUNG-LTN154X3-L06 Datasheet
599Kb / 30P
   color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFT as a switching devices.
LTM201U1-L01 SAMSUNG-LTM201U1-L01 Datasheet
856Kb / 27P
   color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFTs as switching devices.
LTN170X2-L02 SAMSUNG-LTN170X2-L02 Datasheet
160Kb / 13P
   LTN170X2-L02 is a color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFT as switching devices
LTA320AP05 SAMSUNG-LTA320AP05 Datasheet
1Mb / 26P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon
LTM190EX-L31 SAMSUNG-LTM190EX-L31 Datasheet
485Kb / 32P
   color active matrix liquid crystal display (LCD) that uses amorphous
LT150X1-151 SAMSUNG-LT150X1-151 Datasheet
740Kb / 22P
   Color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com