Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM220MT05 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # LTM220MT05
Description  color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LTM220MT05 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button LTM220MT05 Datasheet HTML 2Page - Samsung semiconductor LTM220MT05 Datasheet HTML 3Page - Samsung semiconductor LTM220MT05 Datasheet HTML 4Page - Samsung semiconductor LTM220MT05 Datasheet HTML 5Page - Samsung semiconductor LTM220MT05 Datasheet HTML 6Page - Samsung semiconductor LTM220MT05 Datasheet HTML 7Page - Samsung semiconductor LTM220MT05 Datasheet HTML 8Page - Samsung semiconductor LTM220MT05 Datasheet HTML 9Page - Samsung semiconductor LTM220MT05 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6/34
Page
LTM220MT05
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
2. Optical Characteristics
* C.G.L : Color Grayscale Linearity
(7),(8)
SR-3
(6)
SR-3
cd/m2
-
250
200
Y
L
Luminance of White
(Center of screen)
(5)
RD-80S
8
5
-
Tr + Tf
On/Off
Response
Time(On/Off)
msec
Normal
!"#!"
$"%!"
Viewing
Angle
(9)
0.02
-
-
u'v'
White
C.G.L
(ACC ONLY)
-
0.468
-
Wv'
-
0.198
-
Wu'
White
-
0.158
-
Bv'
-
0.175
-
Bu'
Blue
-
0.564
-
Gv'
-
0.125
-
Gu'
Green
-
0.523
-
Rv'
-
0.451
-
Ru'
Red
Color
Chromaticity
(CIE 1976)
0.354
0.329
0.304
Wy
0.338
0.313
0.288
Wx
White
0.085
0.060
0.035
By
0.175
0.150
0.125
Bx
Blue
0.625
0.600
0.575
Gy
0.325
0.300
0.275
Gx
Green
0.355
0.330
0.305
Ry
0.665
0.640
0.615
Rx
Red
Color
Chromaticity
(CIE 1931)
(3)
SR-3
-
1000
600
C/R
Contrast Ratio
(Center of screen)
Note
Unit
Max.
Typ.
Min.
Condition
Symbol
Item
The optical characteristics should be measured in a dark room or equivalent.
Measuring equipment : SR-3, RD-80S (TOPCON), EZ-Contrast (Eldim)
(Ta = 25
2 C, VDD=5V, fv= 60Hz, fDCLK=59.6MHz, IL = 7.5mArms)


Similar Part No. - LTM220MT05

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTM220M1-L01 SAMSUNG-LTM220M1-L01 Datasheet
509Kb / 33P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT(Thin Film Transistor) as switching components.
LTM220M3-L02 SAMSUNG-LTM220M3-L02 Datasheet
886Kb / 40P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components.
More results

Similar Description - LTM220MT05

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTM220M3-L02 SAMSUNG-LTM220M3-L02 Datasheet
886Kb / 40P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components.
LTM230HP01 SAMSUNG-LTM230HP01 Datasheet
1,018Kb / 35P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components.
LTM200KT03 SAMSUNG-LTM200KT03 Datasheet
726Kb / 34P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT(Thin Film Transistor) as switching components.
LTM220M1-L01 SAMSUNG-LTM220M1-L01 Datasheet
509Kb / 33P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT(Thin Film Transistor) as switching components.
LTN154X3-L06 SAMSUNG-LTN154X3-L06 Datasheet
599Kb / 30P
   color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFT as a switching devices.
LTM201U1-L01 SAMSUNG-LTM201U1-L01 Datasheet
856Kb / 27P
   color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFTs as switching devices.
LTN170X2-L02 SAMSUNG-LTN170X2-L02 Datasheet
160Kb / 13P
   LTN170X2-L02 is a color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFT as switching devices
LTA320AP05 SAMSUNG-LTA320AP05 Datasheet
1Mb / 26P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon
LTM190EX-L31 SAMSUNG-LTM190EX-L31 Datasheet
485Kb / 32P
   color active matrix liquid crystal display (LCD) that uses amorphous
LT150X1-151 SAMSUNG-LT150X1-151 Datasheet
740Kb / 22P
   Color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com