Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM220MT05 Datasheet(PDF) 34 Page - Samsung semiconductor

Part # LTM220MT05
Description  color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LTM220MT05 Datasheet(HTML) 34 Page - Samsung semiconductor

Back Button LTM220MT05 Datasheet HTML 26Page - Samsung semiconductor LTM220MT05 Datasheet HTML 27Page - Samsung semiconductor LTM220MT05 Datasheet HTML 28Page - Samsung semiconductor LTM220MT05 Datasheet HTML 29Page - Samsung semiconductor LTM220MT05 Datasheet HTML 30Page - Samsung semiconductor LTM220MT05 Datasheet HTML 31Page - Samsung semiconductor LTM220MT05 Datasheet HTML 32Page - Samsung semiconductor LTM220MT05 Datasheet HTML 33Page - Samsung semiconductor LTM220MT05 Datasheet HTML 34Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
34/34
Page
LTM220MT05
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
8.5 Others
(a) Ultra-violet ray filter is necessary for outdoor operation.
(b) Avoid condensation of water. It may result in improper operation or disconnection
of electrode.
(c) Do not exceed the absolute maximum rating value. ( supply voltage variation,
input voltage variation, variation in part contents and environmental temperature,
and so on)
Otherwise the Module may be damaged.
(d) If the Module keeps displaying the same pattern for a long period of time,
the image may be "stuck" to the screen.
To avoid image sticking, it is recommended to use a screen saver.
(e) This Module has its circuitry PCB's on the rear side and should be handled
carefully in order not to be stressed.
(f) Please contact SEC in advance when you display the same pattern for a long time.


Similar Part No. - LTM220MT05

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTM220M1-L01 SAMSUNG-LTM220M1-L01 Datasheet
509Kb / 33P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT(Thin Film Transistor) as switching components.
LTM220M3-L02 SAMSUNG-LTM220M3-L02 Datasheet
886Kb / 40P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components.
More results

Similar Description - LTM220MT05

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTM220M3-L02 SAMSUNG-LTM220M3-L02 Datasheet
886Kb / 40P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components.
LTM230HP01 SAMSUNG-LTM230HP01 Datasheet
1,018Kb / 35P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components.
LTM200KT03 SAMSUNG-LTM200KT03 Datasheet
726Kb / 34P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT(Thin Film Transistor) as switching components.
LTM220M1-L01 SAMSUNG-LTM220M1-L01 Datasheet
509Kb / 33P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT(Thin Film Transistor) as switching components.
LTN154X3-L06 SAMSUNG-LTN154X3-L06 Datasheet
599Kb / 30P
   color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFT as a switching devices.
LTM201U1-L01 SAMSUNG-LTM201U1-L01 Datasheet
856Kb / 27P
   color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFTs as switching devices.
LTN170X2-L02 SAMSUNG-LTN170X2-L02 Datasheet
160Kb / 13P
   LTN170X2-L02 is a color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFT as switching devices
LTA320AP05 SAMSUNG-LTA320AP05 Datasheet
1Mb / 26P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon
LTM190EX-L31 SAMSUNG-LTM190EX-L31 Datasheet
485Kb / 32P
   color active matrix liquid crystal display (LCD) that uses amorphous
LT150X1-151 SAMSUNG-LT150X1-151 Datasheet
740Kb / 22P
   Color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com