Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2400-04HA Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM2400-04HA
Description  Universal Serial Bus Transceiver with Level Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2400-04HA Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM2400-04HA Datasheet HTML 2Page - California Micro Devices Corp CM2400-04HA Datasheet HTML 3Page - California Micro Devices Corp CM2400-04HA Datasheet HTML 4Page - California Micro Devices Corp CM2400-04HA Datasheet HTML 5Page - California Micro Devices Corp CM2400-04HA Datasheet HTML 6Page - California Micro Devices Corp CM2400-04HA Datasheet HTML 7Page - California Micro Devices Corp CM2400-04HA Datasheet HTML 8Page - California Micro Devices Corp CM2400-04HA Datasheet HTML 9Page - California Micro Devices Corp CM2400-04HA Datasheet HTML 10Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
08/24/04
CM2400-02/03/04
PRELIMINARY
Specifications (cont’d)
ELECTRICAL OPERATING CHARACTERISTICS (CONT’D)
Driver Characteristics & Timings (Full-speed mode only, SPEED=HIGH)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tFR
Rise time
CL = 50 to 125pF, measured 10% to 90%
(VOH-VOL); See Figure 6
420
ns
tFF
Fall time
CL = 50 to 125pF, measured 10% to 90%
(VOH-VOL); See Figure 6
420
ns
FRFM
Differential rise / fall time
matching (tFR / tFF)
Excluding the first transition from idle state
100
%
VCRS
Output signal crossover
voltage
Excluding the first transition from idle state;
See Figure 9
1.65
V
tPLH(DRV)
Driver propagation delay
(VO / VPO ➔ D+ / D- ;
FSEO / VMO ➔ D+ / D-
LOW-to-HIGH transition; See Figure 9
18
ns
tPHL(DRV)
HIGH-to-LOW transition; See Figure 9
18
ns
tPHZ
Driver disable delay
(OE
➔ D+ / D-)
HIGH-to-OFF; See Figure 7
15
ns
tPLZ
LOW-to-OFF; See Figure 7
15
ns
tPZH
Driver enable delay
(OE
➔ D+ / D-)
OFF-to-HIGH; See Figure 7
15
ns
tPZL
OFF-to-LOW; See Figure 7
15
ns
Driver Characteristics & Timings (Low-speed mode only, SPEED=LOW)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tLR
Rise time
CL = 200 to 600pF, measured 10% to 90%
(VOH-VOL); See Figure 6
75
300
ns
tLF
Fall time
CL = 200 to 600pF, measured 10% to 90%
(VOH-VOL); See Figure 6
75
300
ns
FRFM
Differential rise / fall time
matching (tFR / tFF)
Excluding the first transition from idle state
80
125
%
VCRS
Output signal crossover
voltage
Excluding the first transition from idle state;
See Figure 9
1.3
2.0
V
Receiver Timings (Full-speed and low-speed modes)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Receiver
tPLH(RCV)
Driver propagation delay
(D+ / D-
➔ RCV)
LOW-to-HIGH transition; See Figure 8
15
ns
tPHL(RCV)
HIGH-to-LOW transition; See Figure 8
15
ns
Single-ended Receiver
tPLH(SE)
Driver propagation delay
(D+ / D-
➔ VP / VM)
LOW-to-HIGH transition; See Figure 8
18
ns
tPHL(SE)
HIGH-to-LOW transition; See Figure 8
18
ns


Similar Part No. - CM2400-04HA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01HB CALMIRCO-CM2400-01HB Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05 CALMIRCO-CM2400-05 Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05HA CALMIRCO-CM2400-05HA Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05HB CALMIRCO-CM2400-05HB Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
More results

Similar Description - CM2400-04HA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-05 CALMIRCO-CM2400-05 Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com