Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSE7759B Datasheet(PDF) 7 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CSE7759B
Description  Calibration-free Electric Energy Measuring Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CSE7759B Datasheet(HTML) 7 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CSE7759B Datasheet HTML 3Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 4Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 5Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 6Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 7Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 10Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 11Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
本资料为芯海科技专有财产,非经许可,不得复制、翻印或转变其他形式使用。
This document is exclusive property of CHIPSEA and shall not be reproduced or copied or transformed to any other format
without prior permission of CHIPSEA
聚点滴之芯.成浩瀚之海
7/25
Input capacitance
IC
-
6.4
-
pF
Equivalent input impedance:
Current channel
Voltage channel
EII
500
6
-
kΩ
MΩ
Equivalent input noise:
Current channel
Voltage channel
NI
-
-
-
-
2
20
µVrms
µVrms
Power supply
Current consumption
(VDD = 5 V)
I
4
-
-
mA
mA
Power consumption
(VDD = 5 V)
PC
-
20
mW
Low voltage threshold for power
failure detection
PMLO
-
4
-
V
High voltage threshold for power
failure detection
PMHI
-
4.3
-
V
Built-in reference voltage
Reference voltage
VREF
2.3
2.43
2.55
V
Temperature excursion
TCVREF
-
25
-
ppm/℃
Measurement accuracy (measuring relative error and absolute error of the parameter)
Parameters
Symbol
Min.
Value
Typical
Value
Max.
Value
Unit
Current: 1mR sampling resistance (ideal value, without resistance error), full
range of the current is 30.9A
30.9A~250mA (relative error)
-2
1
2
%
249mA~60mA (absolute error)
10
15
mA
Min. measured value of current (to
be determined by overall noise)
60
mA


Similar Part No. - CSE7759B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSE7759B ETC1-CSE7759B Datasheet
755Kb / 20P
   Calibration-free energy metering chip
More results

Similar Description - CSE7759B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSE7759B ETC1-CSE7759B Datasheet
755Kb / 20P
   Calibration-free energy metering chip
logo
Hotchip Technology Co.,...
HT3692D HOTCHIP-HT3692D Datasheet
962Kb / 7P
   Electric Power Detection, Battery Energy Display
logo
Toshiba Semiconductor
TPS816 TOSHIBA-TPS816 Datasheet
145Kb / 6P
   LEAD FREE PRODUCT PHOTO-ELECTRIC SWITCHES
logo
TOKYO SEIMITSU CO., LTD
HOLOS ACCRETECH-HOLOS Datasheet
376Kb / 4P
   Free-form Curved Surface Measuring Program
XYZAXMJUNEX ACCRETECH-XYZAXMJUNEX Datasheet
588Kb / 4P
   Compact CNC coordinate measuring machine which realizes energy saving with stable measuring accuracy
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
logo
ams AG
AS8168 AMSCO-AS8168 Datasheet
250Kb / 30P
   Single Phase Average Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
logo
STMicroelectronics
STPM11 STMICROELECTRONICS-STPM11_08 Datasheet
1Mb / 45P
   Single phase energy metering IC with pulsed output and digital calibration
logo
ams AG
AS8118 AMSCO-AS8118_1 Datasheet
287Kb / 30P
   Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
AS8118 AMSCO-AS8118 Datasheet
36Kb / 1P
   Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com