Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT8712F Datasheet(PDF) 67 Page - ITE Tech.Inc.

Part # IT8712F
Description  Environment Control ??Low Pin Count Input / Output (EC - LPC I/O)
Download  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.

IT8712F Datasheet(HTML) 67 Page - ITE Tech.Inc.

Back Button IT8712F Datasheet HTML 63Page - ITE Tech.Inc. IT8712F Datasheet HTML 64Page - ITE Tech.Inc. IT8712F Datasheet HTML 65Page - ITE Tech.Inc. IT8712F Datasheet HTML 66Page - ITE Tech.Inc. IT8712F Datasheet HTML 67Page - ITE Tech.Inc. IT8712F Datasheet HTML 68Page - ITE Tech.Inc. IT8712F Datasheet HTML 69Page - ITE Tech.Inc. IT8712F Datasheet HTML 70Page - ITE Tech.Inc. IT8712F Datasheet HTML 71Page - ITE Tech.Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 189 page
background image
www.ite.com.tw
IT8712F V0.81
49
Configuration
8.8
Environment Controller Configuration Registers (LDN=04h)
8.8.1
Environment Controller Activate Register (Index=30h, Default=00h)
Bit
Description
7-1
Reserved
0
Environment Controller Enable.
1: Enabled
0: Disabled
This is a read/write register.
8.8.2
Environment Controller Base Address MSB Register (Index=60h, Default=02h)
Bit
Description
7-4
Read only as “0h” for Base Address[15:12].
3-0
Read/write, mapped as Base Address[11:8].
8.8.3
Environment Controller Base Address LSB Register (Index=61h, Default=90h)
Bit
Description
7-3
Read/write, mapped as Base Address[7:3].
2-0
Read only as “000b.”
8.8.4
PME Direct Access Base Address MSB Register (Index=62h, Default=02h)
Bit
Description
7-4
Read only as “0h” for Base Address[15:12]
3-0
Read/write, mapped as Base Address[11:8]
8.8.5
PME Direct Access Base Address LSB Register (Index=63h, Default=30h)
Bit
Description
7-3
Read/write, mapped as Base Address[7:3]
2-0
Read only as “000b.”
8.8.6
Environment Controller Interrupt Level Select (Index=70h, Default=09h)
Bit
Description
7-4
Reserved with default “0h.”
3-0
Select the interrupt level
Note1 for Environment Controller
8.8.7
APC/PME Event Enable Register (PER) (Index=F0h, Default=00h)
Bit
Description
7
It is set to 1 when VCCH is off. Write 1 to clear this bit. This bit is ineffective if a 0 is written to this
bit.
6
0: Smart Card Reader card detect event disabled.
1: Smart Card Reader card detect event enabled.
5
Reserved with default “0h.”


Similar Part No. - IT8712F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IT8712F ETC1-IT8712F Datasheet
935Kb / 189P
   Environment Control -Low Pin Count Input / Output(EC - LPC I/O)
More results

Similar Description - IT8712F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IT8712F ETC1-IT8712F Datasheet
935Kb / 189P
   Environment Control -Low Pin Count Input / Output(EC - LPC I/O)
IT8702F ETC1-IT8702F Datasheet
788Kb / 173P
   Super-Low Pin Count Input/Output (LPC I/O)
logo
ITE Tech.Inc.
ITE8718F ITE-ITE8718F Datasheet
149Kb / 18P
   Environment Control ??Low Pin Count Input / Output
logo
List of Unclassifed Man...
IT8705AF ETC1-IT8705AF Datasheet
974Kb / 185P
   Simple Low Pin Count Input/Output (simple LPC I/O)
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
   LPC I/O
logo
Winbond
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
   LPC I/O
logo
Nuvoton Technology Corp...
NCT5577D NUVOTON-NCT5577D Datasheet
3Mb / 327P
   LPC I/O
W83527HG NUVOTON-W83527HG Datasheet
1Mb / 170P
   LPC I/O
logo
Winbond
W83697UF WINBOND-W83697UF Datasheet
503Kb / 67P
   LPC I/O
W83637HF WINBOND-W83637HF Datasheet
936Kb / 149P
   LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com