Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1565 Datasheet(PDF) 3 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF1565
Description  Highly Integrated Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF1565 Datasheet(HTML) 3 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF1565 Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF1565 Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF1565 Datasheet HTML 3Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF1565 Datasheet HTML 4Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF1565 Datasheet HTML 5Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF1565 Datasheet HTML 6Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF1565 Datasheet HTML 7Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF1565 Datasheet HTML 8Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF1565 Datasheet HTML 9Page - SIFIRST TECHNOLOGIES NANHAI LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©SiFirst Technology
- 3 -
Confidential
SiFirst_DS_1565_V1.2
SF1565
Block Diagram
RT
5
CS
6
FB
2
Slope
compensation
OSC
Q
Q
SET
CLR
S
R
OCP
& Compensation
PWM
&
Logic
Soft start
CS Floating
Protection
RI short/floating
protection
Green Mode
operation
VIN
3
UVLO
POR
5.9V
RI
4
Trimmed Voltage &
Current Reference
GATE
Soft Gate
Driver
8
VDD
7
82ms Delay
4.4V
1
70uA
1.065V
Frequency Shuffling
LEB
Burst Mode
Control
33V
25V
OVP
OTP
OLP
GND
Pin Description
Pin Num
Pin Name
I/O
Description
1
GND
P
IC ground pin.
2
FB
I
Voltage feedback pin. The loop regulation is achieved by connecting a
photo-coupler to this pin. PWM duty cycle is generated by this pin voltage
and the current sense signal at Pin 6.
3
VIN
I
This pin is connected to the rectified line input via a large value resistor.
The function of the pin is for startup and line voltage sensing.
4
RI
I
Set the switching frequency by connecting a resistor between RI and
GND. This pin has floating/short-to-GND protection.
5
RT
I
This pin is for over temperature protection by connecting an external NTC
resistor to ground. Once the pin voltage drops below a fixed limit of
1.065V, PWM output will be disabled.
6
CS
I
Current sense input pin.
7
VDD
P
IC power supply pin.
8
GATE
O
Totem-pole gate driver output to drive the external MOSFET.
Absolute Maximum Ratings (Note 1)
Parameter
Value
Unit
VDD/VIN DC Supply Voltage
33
V
VDD DC Clamp Current
10
mA


Similar Part No. - SF1565

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF156 WTE-SF156 Datasheet
46Kb / 3P
   1.5A SOFT FAST RECOVERY RECTIFIER
SF156-T3 WTE-SF156-T3 Datasheet
46Kb / 3P
   1.5A SOFT FAST RECOVERY RECTIFIER
SF156-TB WTE-SF156-TB Datasheet
46Kb / 3P
   1.5A SOFT FAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
SF1560 DYELEC-SF1560 Datasheet
803Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
SF1560 ZSELEC-SF1560 Datasheet
98Kb / 2P
   15 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results

Similar Description - SF1565

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SF1560 SIFIRST-SF1560 Datasheet
66Kb / 2P
   Highly Integrated Current Mode PWM Controller with Latch
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com