Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AW8736 Datasheet(PDF) 7 Page - Shanghai awinic technology co.,ltd

Part # AW8736
Description  High efficiency,Ultralow distortion,Constant large volume,Sixth generation Class K Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8736 Datasheet(HTML) 7 Page - Shanghai awinic technology co.,ltd

Back Button AW8736 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 11Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AW8736 Data Sheet
May 2013 V1.5
High efficiency、Ultralow distortion、Constant large volume、Sixth
generation Class K Audio Amplifier
COPYRIGHT ©2012 SHANGHAI AWINIC TECHNOLOGY CO., LTD.
7
Low pass filter uses resistance and capacitor values listed in Table 2.
Rfilter
Cfilter
Low-pass cutoff frequency
500
Ω
10nF
32kHz
1k
Ω
4.7nF
34kHz
Table 2 AW8736 recommended values for low pass filter


Similar Part No. - AW8736

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW87317 AWINIC-AW87317 Datasheet
1Mb / 28P
   High efficiency, Low noise, Ultralow distortion, Constant large volume, Upgrade Seventh generation Class K Audio Amplifier
AW87317CSR AWINIC-AW87317CSR Datasheet
1Mb / 28P
   High efficiency, Low noise, Ultralow distortion, Constant large volume, Upgrade Seventh generation Class K Audio Amplifier
AW87318 AWINIC-AW87318 Datasheet
1Mb / 29P
   High efficiency?갟ow noise?갅onstant large volume?갡ulti-level AGC Eighth generation Class K Audio Amplifier
AW87318CSR AWINIC-AW87318CSR Datasheet
1Mb / 29P
   High efficiency?갟ow noise?갅onstant large volume?갡ulti-level AGC Eighth generation Class K Audio Amplifier
AW87319 AWINIC-AW87319 Datasheet
1Mb / 38P
   8.5V Large Volume Ultra Low Bass 2-in-1 TLTR-AGC 2nd Smart K Audio Amplifier
More results

Similar Description - AW8736

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW87317 AWINIC-AW87317 Datasheet
1Mb / 28P
   High efficiency, Low noise, Ultralow distortion, Constant large volume, Upgrade Seventh generation Class K Audio Amplifier
AW8737S AWINIC-AW8737S Datasheet
1Mb / 27P
   High efficiency, Low noise, Ultralow distortion, Constant large volume, Upgrade Seventh generation Class K Audio Amplifier
AW87318 AWINIC-AW87318 Datasheet
1Mb / 29P
   High efficiency?갟ow noise?갅onstant large volume?갡ulti-level AGC Eighth generation Class K Audio Amplifier
AW8737 AWINIC-AW8737 Datasheet
1Mb / 28P
   High efficiency, low noise, super low distortion, constant pitch volume, seventh generation K music.
logo
Integrated Silicon Solu...
IS31AP2036-QFLS2-TR ISSI-IS31AP2036-QFLS2-TR Datasheet
474Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
IS31AP2036A ISSI-IS31AP2036A Datasheet
478Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
IS31AP2036A-CLS2-TR ISSI-IS31AP2036A-CLS2-TR Datasheet
478Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
logo
Nisshinbo Micro Devices...
NJM8830 NISSHINBO-NJM8830 Datasheet
921Kb / 19P
   Ultralow Distortion, Ultralow Noise, Rail-to-Rail Output Dual Audio Operational Amplifier
May 20, 2022 Ver.1.0
logo
Monolithic Power System...
MP1740 MPS-MP1740 Datasheet
311Kb / 11P
   3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
logo
ON Semiconductor
NCP2823 ONSEMI-NCP2823 Datasheet
168Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
February, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com