Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6215 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # XC6215
Description  MT6516 Design Notice V1.0
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XC6215 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button XC6215 Datasheet HTML 72Page - List of Unclassifed Manufacturers XC6215 Datasheet HTML 73Page - List of Unclassifed Manufacturers XC6215 Datasheet HTML 74Page - List of Unclassifed Manufacturers XC6215 Datasheet HTML 75Page - List of Unclassifed Manufacturers XC6215 Datasheet HTML 76Page - List of Unclassifed Manufacturers XC6215 Datasheet HTML 77Page - List of Unclassifed Manufacturers XC6215 Datasheet HTML 78Page - List of Unclassifed Manufacturers XC6215 Datasheet HTML 79Page - List of Unclassifed Manufacturers XC6215 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 212 page
background image
Copyright © MediaTek Inc. All rights reserved.
76
Placement
– Memory device must place as close to BB Chip as possible
– Avoiding extra long trace (Max trace1500mil)
– Avoiding other high frequency devices place close to Memory
Route these traces smoothly, reduce the via counts and avoiding traces
interlace if possible
– You can swap byte in order to reduce traces interlace if there has restriction in
placement (only for SD/DDR RAM)
– “Swap byte” means to connect DQS0 from BB chip to memory DQS1 in order
to reduce the interlacing of data traces, e.g. D[0:7] from BB chip to memory
D[8:15].
– Note: Swap the corresponding DQS ,DQM and DQx at the same time.
Byte0
Byte0
Byte1
Byte1
Byte1
Byte0
Byte0
Byte1
Swap
High Speed Memory Layout Considerations
High Speed Memory Layout Considerations


Similar Part No. - XC6215

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215 TOREX-XC6215 Datasheet
624Kb / 31P
   0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215B TOREX-XC6215B Datasheet
624Kb / 31P
   0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215B0927R TOREX-XC6215B0927R Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215B0927R TOREX-XC6215B0927R Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215B0927R-G TOREX-XC6215B0927R-G Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
More results

Similar Description - XC6215

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
   High flexibility SMARC v1.0 compliant design
SCM120 AXIOMTEK-SCM120_16 Datasheet
231Kb / 1P
   High flexibility SMARC v1.0 compliant design
logo
Shenzhen Huazhimei Semi...
HM5424 HMSEMI-HM5424 Datasheet
622Kb / 11P
   H User Manual V1.0
HM3132 HMSEMI-HM3132 Datasheet
860Kb / 10P
   Chip Data Sheet V1.0
HM2106 HMSEMI-HM2106 Datasheet
723Kb / 10P
   Chip Data Manual V1.0
logo
Infineon Technologies A...
TC3X4L INFINEON-TC3X4L Datasheet
1,014Kb / 49P
   TriBoard Manual TC3X4L Hardware: TriBoard TC3X4L TH V1.0 and TriBoard TC3X4L V1.0
V1.2 2019-09
logo
Shenzhen Huazhimei Semi...
HM2103 HMSEMI-HM2103 Datasheet
812Kb / 10P
   Chip Data Manual V1.0
HM3117 HMSEMI-HM3117 Datasheet
773Kb / 10P
   Chip data sheet V1.0
logo
Semtech Corporation
SX1308P490GW SEMTECH-SX1308P490GW Datasheet
332Kb / 2P
   Picocell Gateway V1.0 Development Kit
logo
Shenzhen TOPWAY Technol...
HM-0020 TOPWAY-HM-0020 Datasheet
178Kb / 12P
   LCD Module User Manual V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com