Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITE8718F Datasheet(PDF) 13 Page - ITE Tech.Inc.

Part # ITE8718F
Description  Environment Control ??Low Pin Count Input / Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.

ITE8718F Datasheet(HTML) 13 Page - ITE Tech.Inc.

Back Button ITE8718F Datasheet HTML 9Page - ITE Tech.Inc. ITE8718F Datasheet HTML 10Page - ITE Tech.Inc. ITE8718F Datasheet HTML 11Page - ITE Tech.Inc. ITE8718F Datasheet HTML 12Page - ITE Tech.Inc. ITE8718F Datasheet HTML 13Page - ITE Tech.Inc. ITE8718F Datasheet HTML 14Page - ITE Tech.Inc. ITE8718F Datasheet HTML 15Page - ITE Tech.Inc. ITE8718F Datasheet HTML 16Page - ITE Tech.Inc. ITE8718F Datasheet HTML 17Page - ITE Tech.Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.ite.com.tw
IT8718F V0.8.1
7
Package Information
4. Package Information
QFP 128L Outline Dimensions
unit: inches/mm
GAGE PLANE
b
C
BASE METAL
WITH PLATING
DETAIL "A"
L
L1
O
DETAIL "B"
C
y
SEATING PLANE
SEE DETAIL "B"
y
0.10
DETAIL "A"
65
64
39
38
1
103
102
128
D1
e
b
D
Dimension in inches
Dimension in mm
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
0.134
-
-
3.40
A1
0.010
-
-
0.25
-
-
A2
0.107 0.112 0.117
2.73
2.85
2.97
b
0.007 0.009 0.011
0.17
0.22
0.27
c
0.004
-
0.008
0.09
-
0.20
D
0.906 0.913 0.921 23.00 23.20 23.40
D1
0.783 0.787 0.791 19.90 20.00 20.10
E
0.669 0.677 0.685 17.00 17.20 17.40
E1
0.547 0.551 0.555 13.90 14.00 14.10
0.020 BSC
0.5 BSC
L
0.029 0.035 0.041
0.73
0.88
1.03
L1
0.063 BSC
1.60 BSC
y
-
-
0.004
-
-
0.10
θ
0
°
-
7
°
0
°
-
7
°
Notes:
1.
Dimensions D1 and E1 do not include mold protrusion.
But mold mismatch is included.
2.
Dimensions b does not include dambar protrusion.
3.
Controlling dimension: millimeter
DI-QFP128(14*20)v2
e


Similar Part No. - ITE8718F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITE4091 INTERSIL-ITE4091 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
ITE4091 NJSEMI-ITE4091 Datasheet
162Kb / 1P
   N-CHANNEL JFET SWITCH
logo
Intersil Corporation
ITE4092 INTERSIL-ITE4092 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
ITE4092 NJSEMI-ITE4092 Datasheet
162Kb / 1P
   N-CHANNEL JFET SWITCH
logo
Intersil Corporation
ITE4093 INTERSIL-ITE4093 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Similar Description - ITE8718F

ManufacturerPart #DatasheetDescription
logo
ITE Tech.Inc.
IT8712F ITE-IT8712F Datasheet
863Kb / 189P
   Environment Control ??Low Pin Count Input / Output (EC - LPC I/O)
logo
List of Unclassifed Man...
IT8712F ETC1-IT8712F Datasheet
935Kb / 189P
   Environment Control -Low Pin Count Input / Output(EC - LPC I/O)
IT8702F ETC1-IT8702F Datasheet
788Kb / 173P
   Super-Low Pin Count Input/Output (LPC I/O)
IT8705AF ETC1-IT8705AF Datasheet
974Kb / 185P
   Simple Low Pin Count Input/Output (simple LPC I/O)
logo
Fujitsu Component Limit...
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
   Low-Pin-Count Microcontrollers
logo
Texas Instruments
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com