Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRD-S-103DC1-B Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part No. SRD-S-103DC1-B
Description  Miniature Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYOU [Sanyou Corporation Limited]
Homepage  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRD-S-103DC1-B Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SRD-S-103DC1-B Datasheet HTML 1Page - Sanyou Corporation Limited SRD-S-103DC1-B Datasheet HTML 2Page - Sanyou Corporation Limited SRD-S-103DC1-B Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Nominal
operating
current
±10% (mA)
Coil
resistance
±10% (Ω)
Max
.
allowable
voltage
Pick-up
voltage
(Max.)
Drop-out
voltage
(Min.)
Nominal
operating
power
Nominal
voltage
(VDC)
1/3
SRD-Series
UL,C-UL File No.:E190598
TUV File No.:R50142424
CQC File No.:CQC02001002126
VDE File No.: 40034479
3
5
6
9
12
15
18
24
48
60
120.00
71.42
60.00
40.00
30.00
24.00
20.00
15.00
7.50
6.00
25
70
100
225
400
625
900
1,600
6,400
10,000
100m
Ω Max.
5msec. Max.
100M
Ω Min.(DC500V)
AC750V,50/60Hz 1min.
AC1,500V,50/60Hz 1min.
Silver alloy
Between open contacts:
Between coil and contact:
-40℃~+85℃ (no condensation)
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(at 10,800 ops./h)
(at 1,800 ops./h)
Approx. 8.5 g
10~55Hz at double amplitude of 1.5 mm
10~55Hz at double amplitude of 1.5 mm
100G Min.
10G Min.
10,000,000 cycles
8msec. Max.
Contact material
Initial contact resistance (at 6VDC 1A)
Operate time (at nominal volt.)
Release time (at nominal volt.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(operations)
Ambient temperature
Unit weight
Model
Nominal switching
capacity (res. load)
Max. switching current
Max. switching voltage
Max. switching power
Contact Capacity
Characteristic Data
130 % of
nominal
voltage
75 % of
nominal
voltage
5 % of
nominal
voltage
0.36W
Features
Safety Approval
High contact capability: 12A switching capability.
Low coil power consumption, low price.
Microminiature relay, standard PCB terminal.
SANYOU RELAYS
Relays for advanced technology
Miniature
Power Relay
version:V2.4
Coil Data
100,000 cycles
(at 20℃)
SRD -DM
10A 250VAC
15A
277VAC
2,770VA
SRD -D
NO10A 250VAC
12A
277VAC
2,770VA
SRD-DB
7A 250VAC
12A
277VAC
1,939VA
NO/NC7A 250VAC
Please contact us if your working condition is 10
5℃
● Compliance with IEC/EN 60079-15 explosion-proof.
● Satisfice IEC60335-1 product is available.
● Satisfice IEC60079-15 product is available.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn