Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1219-03SR Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1219-03SR
Description  Low Capacitance Transient Voltage Suppressors / ESD Protectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1219-03SR Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1219-03SR Datasheet HTML 1Page - California Micro Devices Corp CM1219-03SR Datasheet HTML 2Page - California Micro Devices Corp CM1219-03SR Datasheet HTML 3Page - California Micro Devices Corp CM1219-03SR Datasheet HTML 4Page - California Micro Devices Corp CM1219-03SR Datasheet HTML 5Page - California Micro Devices Corp CM1219-03SR Datasheet HTML 6Page - California Micro Devices Corp CM1219-03SR Datasheet HTML 7Page - California Micro Devices Corp CM1219-03SR Datasheet HTML 8Page - California Micro Devices Corp CM1219-03SR Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
12/22/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
1
CM1219
Low Capacitance Transient Voltage
Suppressors / ESD Protectors
Features
Low I/O capacitance at 4pF typical
In-system ESD protection to
±8kV contact
discharge, per the IEC 61000-4-2 international
standard
Two, three, four or five channels of ESD protection
Compact SMT package saves board space and
facilitates layout in space-critical applications
Each I/O pin can withstand over 1000 ESD strikes
Lead-free versions available
Applications
High-speed consumer electronic ports
ESD protection of PC ports, including USB ports,
serial ports, parallel ports, IEEE1394 ports,
docking ports, proprietary ports, etc.
Protection of interface ports or IC pins which are
exposed to high ESD levels
Product Description
The CM1219 family of devices features transient volt-
age suppressor arrays that provide a very high level of
protection for sensitive electronic components which
may be subjected to electrostatic discharge (ESD).
All pins of the CM1219 are rated to withstand
±8kV
ESD pulses using the IEC 61000-4-2 contact dis-
charge method. Using the MIL-STD-883D (Method
3015) specification for Human Body Model (HBM)
ESD, all pins are protected from contact discharges of
greater than
±15kV.
The CM1219 is supplied in a number of compact, sur-
face mount packages depending on the channel con-
figuration desired. All versions of this device are
available with optional lead-free finishing.
Electrical Schematics
VN
12
43
CM1219-03
SOT-143
VN
12
3
CM1219-02
SOT23-3 /
SC70-3
VN
3
CM1219-04
SOT23-5 /
SC70-5
54
2
1
VN
3
CM1219-05
SOT23-6 /
SC70-6
64
2
1
5


Similar Part No. - CM1219-03SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1219-05SE ONSEMI-CM1219-05SE Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
More results

Similar Description - CM1219-03SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
CM1218 CALMIRCO-CM1218 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
CM1219 ONSEMI-CM1219 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
97Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 Rev. 3
CM1218 ONSEMI-CM1218 Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-C4 ONSEMI-CM1218-C4 Datasheet
166Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1248-08DE ONSEMI-CM1248-08DE Datasheet
284Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
   Transient Voltage Suppressors / ESD Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com